SFECF10M7DF00-R0_V01
AI

The **SFECF10M7DF00-R0** is a high-performance **Ceramic Discriminator/Filter** manufactured by Murata Electronics. It is primarily used in FM radio receivers for demodulation and signal filtering at the Intermediate Frequency (IF) stage.
---
### ## Technical Specifications
Below are the primary electrical characteristics for this component:
| Parameter | Specification |
| :--- | :--- |
| **Center Frequency (f0)** | 10.700 MHz |
| **3dB Bandwidth** | 150 kHz ± 50 kHz |
| **Insertion Loss** | 6.0 dB max |
| **Resonant Impedance** | 330 $\Omega$ |
| **Package Type** | Surface Mount (SMD) |
| **Dimensions** | 3.45 x 3.10 x 1.40 mm |
| **Operating Temperature** | -20°C to +80°C |
---
### ### Key Features and Internal Structure
The "SFECF" series utilizes Murata's proprietary piezoelectric ceramic technology. The part is designed to act as a resonator that converts frequency variations into voltage variations (FM Demodulation).
1. **Monolithic Construction:** It uses a single-wafer ceramic structure to ensure high stability against mechanical vibration and temperature fluctuations.
2. **Compact Footprint:** The small SMD form factor is optimized for high-density mobile devices and automotive tuners.
3. **Flat Group Delay:** This specific model is engineered for low distortion, which is critical for high-fidelity FM audio reproduction.
---
### ### Typical Application Circuit
In a standard FM receiver circuit, the SFECF10M7 is typically connected to an FM IF IC (Integrated Circuit).
```c
// Conceptual signal flow for an FM Receiver
[Antenna] -> [RF Amp] -> [Mixer] -> [10.7MHz IF Filter] -> [SFECF10M7 Discriminator] -> [Audio Out]
```
---
### ### Part Number Breakdown
* **SFECF**: Series code for SMD Ceramic Filters/Discriminators.
* **10M7**: Nominal Center Frequency (10.7 MHz).
* **DF00**: Designates specific bandwidth and technical tolerance characteristics.
* **R0**: Packaging code (usually refers to Tape & Reel).
* **V01**: Version or revision identifier.
- ⤷
What are the main differences between a ceramic filter and a ceramic discriminator?
- ⤷ Can this part be used in wideband FM applications or is it strictly narrowband?
- ⤷ What are the recommended soldering profiles for the SMD package of this component?