SFECF10M7FF00-R0_V01
AI

The **SFECF10M7FF00-R0** is a specific model of a **Ceramic Filter** manufactured by **Murata Electronics**. These components are primarily used in the Intermediate Frequency (IF) stages of FM receivers to provide selectivity and noise rejection.
---
## 1. Technical Specifications
The part number encodes specific characteristics defined by Murata's standard for CERAFILE® filters.
| Parameter | Value / Description |
| :--- | :--- |
| **Center Frequency (fc)** | 10.700 MHz |
| **3dB Bandwidth** | 230 kHz ± 50 kHz |
| **Insertion Loss** | 3.0 dB ± 2.0 dB |
| **Input/Output Impedance** | 330 $\Omega$ |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | 3.45 x 3.10 mm (approx.) |
---
## 2. Component Composition & Function
The device operates on the principle of piezoelectricity. It is composed of a ceramic element that vibrates at a specific frequency when an electrical signal is applied.
### Key Electronic Roles:
* **Selectivity:** It allows a narrow band of frequencies (around 10.7 MHz) to pass through while significantly attenuating adjacent channel signals.
* **IF Filtering:** In superheterodyne receivers, the incoming radio frequency is down-converted to a fixed 10.7 MHz IF. This filter cleans that signal before demodulation.
* **Phase Characteristics:** The "FF00" series is designed for excellent phase linearity, which is crucial for reducing distortion in FM stereo broadcasts.
---
## 3. Circuit Integration
When designing a PCB for this part, the following electronic considerations are vital:
### Matching Impedance
To prevent signal reflection and ensure the flat frequency response defined in the datasheet, the input and output must be matched to **330 $\Omega$**.
```cpp
// Typical Circuit Flow
[Mixer Stage] -> [Matching Resistor/Inductor] -> [SFECF Filter] -> [IF Amplifier]
```
### Layout Requirements
1. **Grounding:** The center terminal must be connected to a solid ground plane to ensure high out-of-band attenuation.
2. **Stray Capacitance:** Minimize trace lengths between the filter and the amplifier to avoid shifting the center frequency.
---
## 4. Typical Applications
* Standard FM Radio Receivers.
* Automotive Infotainment Systems.
* Wireless data transmission modules operating in the FM band.
* Communication equipment requiring high-stability IF stages.
- ⤷
What are the differences between the SFECF and SFKFE series of Murata filters?
- ⤷ How does the 230 kHz bandwidth affect FM signal quality compared to a narrower filter?
- ⤷ Can this filter be used for AM frequency processing?