SFECF10M7FF00S0-R0_17
AI

The **SFECF10M7FF00S0-R0** is a high-precision surface-mount device (SMD) ceramic filter manufactured by **Murata Electronics**. It is specifically designed for the intermediate frequency (IF) stage of FM receivers.
---
### 1. Key Technical Specifications
The part number encodes specific electrical characteristics essential for RF circuit design:
| Parameter | Value / Specification |
| :--- | :--- |
| **Center Frequency (fo)** | 10.700 MHz |
| **3dB Bandwidth** | 280 kHz ± 50 kHz |
| **Insertion Loss** | 3.0 dB max. |
| **Stop Band Attenuation** | 35 dB min. (at fo ± 300 kHz) |
| **Input/Output Impedance** | 330 $\Omega$ |
| **Operating Temperature** | -20°C to +80°C |
### 2. Physical Construction and Package
* **Technology:** This is a **Ceramic Discriminator/Filter** that utilizes the piezoelectric effect of ceramics to filter specific frequencies.
* **Package Type:** SMD (Surface Mount Device).
* **Form Factor:** Part of the "SFECF" series, characterized by a small, flat profile suitable for high-density automated mounting.
* **Dimensions:** Typically measures approximately 3.45mm x 3.1mm.
### 3. Functional Role in Electronics
In a standard Superheterodyne receiver, this component performs the following roles:
1. **Selectivity:** It allows the desired 10.7 MHz signal to pass while rejecting noise and adjacent channel interference.
2. **Signal Conditioning:** It stabilizes the IF signal before it reaches the demodulator stage.
3. **Size Reduction:** Unlike traditional LC (Inductor-Capacitor) filters, ceramic filters require no tuning and occupy significantly less PCB space.
### 4. Typical Applications
* **FM Radios:** Standard frequency filtering in portable and automotive radio tuners.
* **AV Equipment:** Home theater receivers and tuners.
* **Communication Receivers:** Any low-power wireless receiver operating with a 10.7 MHz IF.
---
### Equivalent Series Comparison
```json
{
"Series": "SFECF",
"Frequency_Stability": "High",
"Mounting": "Reflow soldering compatible",
"Primary_Material": "Piezoceramic"
}
```
- ⤷
What are the main differences between the SFECF and the SFELA series?
- ⤷ How does input/output impedance mismatch affect the performance of this ceramic filter?
- ⤷ Are there specific reflow soldering profiles recommended for this Murata part?