Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SFECF10M7GF00-R0_17

  • AI
    ## Overview of SFECF10M7GF00-R0 The **SFECF10M7GF00-R0** is a high-performance **Ceramic Filter** manufactured by Murata Electronics. It belongs to the **SFECF series**, which is specifically designed for FM intermediate frequency (IF) processing. These components are surface-mount devices (SMD) utilized primarily in telecommunications and radio frequency applications. --- ### Technical Specifications The following table outlines the key electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Nominal Center Frequency** | 10.700 MHz | | **3dB Bandwidth** | 150 kHz ± 50 kHz | | **Insertion Loss** | 4.5 dB max (at minimum loss point) | | **Input/Output Impedance** | 330 $\Omega$ | | **Operating Temperature** | -20°C to +80°C | | **Package Type** | SMD (Small Form Factor) | | **Mounting Style** | Surface Mount | --- ### Key Features and Functionality The SFECF10M7GF00-R0 serves a critical role in signal conditioning: 1. **Selectivity:** Its primary purpose is to allow a specific band of frequencies (centered at 10.7 MHz) to pass through while significantly attenuating frequencies outside this range. This is vital for reducing noise and interference in FM receivers. 2. **Piezoelectric Technology:** It utilizes the piezoelectric effect of ceramics to convert electrical signals into mechanical vibrations and back into electrical signals, acting as a highly stable frequency resonator. 3. **Compact Design:** The "CF" designation in the series indicates a small, flat package, making it ideal for modern, high-density circuit boards in portable devices. 4. **Flat GDT (Group Delay Time):** This specific model is engineered for minimal distortion, ensuring high-quality audio reproduction in FM broadcasting. --- ### Common Applications This component is typically found in the following electronic systems: * **FM Radios:** Used in the IF stage of digital and analog tuners. * **Car Audio Systems:** Reliable performance under varying environmental conditions. * **AV Receivers:** Providing high selectivity for home theater tuners. * **Communication Equipment:** Narrow-band filtering for wireless data transmission. --- ### Equivalent Series Comparison | Feature | SFECF Series (Standard) | SFELF Series (Leaded) | | :--- | :--- | :--- | | **Mounting** | Surface Mount (SMD) | Through-Hole | | **Profile** | Ultra-low profile | Taller profile | | **Automotive Use** | Common in modern units | Mostly legacy systems |
    ✨ Follow-up Questions
    • ⤷ What is the importance of the 10.7 MHz frequency in radio electronics?
    • ⤷ How does 'Group Delay Time' affect audio quality in ceramic filters?
    • ⤷ What are the recommended soldering conditions for this SMD ceramic filter?