SFECV10M7HA00-R0
AI

## Overview: SFECV10M7HA00-R0
The **SFECV10M7HA00-R0** is a high-performance **Ceramic Filter** manufactured by **Murata Electronics**. It is specifically designed for use in the Intermediate Frequency (IF) stage of FM receivers and communication equipment.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Center Frequency (fc)** | 10.700 MHz |
| **3dB Bandwidth** | 180 kHz ± 40 kHz |
| **Insertion Loss** | 3.5 dB ± 2.0 dB |
| **Input/Output Impedance** | 330 $\Omega$ |
| **Package Type** | Surface Mount (SMD) |
| **Operating Temperature** | -20°C to +80°C |
---
### 2. Functional Description
The device utilizes the piezoelectric effect of ceramics to provide high selectivity in frequency filtering. Its primary role is to allow the **10.7 MHz** signal to pass while attenuating unwanted noise and adjacent channel interference.
#### Internal Composition
* **Piezoelectric Ceramic Element:** The core vibrating component that determines the frequency characteristics.
* **Electrodes:** Silver or other conductive materials printed on the ceramic to provide electrical contact.
* **Resin Mold:** A protective casing that ensures mechanical stability and moisture resistance.
---
### 3. Applications
This part is commonly found in:
1. **Consumer Electronics:** Standard FM radio receivers and tuners.
2. **Automotive:** Car audio systems and infotainment head units.
3. **Communication:** Two-way radios and wireless data transmission modules using FM modulation.
---
### 4. Typical Footprint and Layout
The "CV" series features a small surface-mount package, which is ideal for modern, high-density PCB designs.
```markdown
Pin Configuration (General Layout):
[ 1 ] --- Input
[ 2 ] --- Ground
[ 3 ] --- Output
```
---
- ⤷What is the difference between the 10.7 MHz ceramic filter and a crystal filter?
- ⤷ How does the '180 kHz bandwidth' affect the audio quality in FM receivers?
- ⤷ Are there recommended matching circuits for the SFECV series?