SFELF10M7GAA0-R0
AI

The **SFELF10M7GAA0-R0** is a specific type of **Ceramic Filter** manufactured by **Murata Electronics**. It is primarily used in FM radio receivers to select the desired frequency while rejecting interference.
---
### 1. Technical Specifications
The part belongs to the **SFELF** series, which is characterized by its small size and surface-mount (SMD) design.
| Parameter | Specification |
| :--- | :--- |
| **Nominal Center Frequency (fo)** | 10.700 MHz |
| **3dB Bandwidth** | 230 kHz ± 50 kHz |
| **Insertion Loss** | 3.0 dB max. |
| **Input/Output Impedance** | 330 $\Omega$ |
| **Operating Temperature** | -20°C to +80°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Packaging** | Tape & Reel (indicated by the "-R0" suffix) |
---
### 2. Internal Structure and Operation
This component functions based on the **Piezoelectric Effect**. Inside the ceramic package, there are specialized ceramic resonators.
* **Frequency Selection:** It allows the 10.7 MHz Intermediate Frequency (IF) signal to pass through while significantly attenuating frequencies outside the 230 kHz bandwidth.
* **Material:** It uses Lead Zirconate Titanate (PZT) ceramics, which provide high stability and a high Q-factor (quality factor).
* **Filter Type:** It is a bandpass filter specifically designed for FM broadcasting standards.
---
### 3. Application Areas
The SFELF10M7GAA0-R0 is typically found in the "Intermediate Frequency" (IF) stage of radio communication circuits:
* **Consumer Electronics:** FM radio tuners in home stereos and portable players.
* **Automotive:** Car audio systems for stable radio reception.
* **Communication:** Small wireless data modules operating with an FM modulation scheme.
---
### 4. Part Number Breakdown
Murata part numbers follow a specific nomenclature:
* **SFELF:** Series name (Ceramic Filter for FM).
* **10M7:** Frequency (10.7 MHz).
* **GAA0:** Internal design code (defines bandwidth and loss characteristics).
* **R0:** Packaging code (180mm diameter plastic tape and reel).
- ⤷How does the bandwidth of a ceramic filter affect audio quality?
- ⤷ What are the common alternatives to the SFELF series for high-fidelity audio?
- ⤷ How do I match the 330 Ohm impedance to a standard 50 Ohm system?