Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SFG2E-R0125

  • AI
    The **SFG2E-R0125** is a high-performance, precision Shunt Resistor (also known as a Current Sense Resistor). It is primarily used in power electronics for monitoring current flow by measuring the voltage drop across the component. ### 1. Key Technical Specifications The model number typically breaks down into the following characteristics: | Parameter | Value/Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 125 mΩ (0.125 Ω) | Specified by the "0125" suffix. | | **Power Rating** | 2 Watts | The "2E" designation often refers to the power handling capability. | | **Tolerance** | ±1% | Standard precision for current sensing applications. | | **Package Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | | **Technology** | Metal Plate / Alloy | Ensures low noise and high stability under thermal stress. | --- ### 2. Functional Components As a passive electronic part, its performance relies on its physical construction rather than active circuitry: * **Resistive Element:** Usually a specialized metal alloy (like Manganin or Ni-Cr) that provides a very low Temperature Coefficient of Resistance (TCR). This ensures the resistance doesn't change significantly as the part heats up. * **Substrate/Body:** A ceramic or thermally conductive composite that helps dissipate heat generated by the current flow. * **Terminations:** Large, solderable pads designed to minimize "parasitic resistance" at the connection points, which could otherwise skew the measurement. --- ### 3. Application Workflow In a circuit, the SFG2E-R0125 operates based on **Ohm's Law ($V = I \times R$):** 1. **Current Flow:** The load current passes through the resistor. 2. **Voltage Drop:** A small voltage proportional to the current is created ($V_{sense}$). 3. **Amplification:** Because 125mΩ is a low value, the $V_{sense}$ is usually sent to a **Current Sense Amplifier** or an **ADC** pin of a microcontroller. 4. **Calculation:** The system calculates $I = V_{sense} / 0.125$. ### 4. Common Use Cases * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. * **DC-DC Converters:** Implementing over-current protection (OCP). * **Motor Control:** Sensing phase current to manage torque and speed. * **Power Supplies:** Regulating output stability. ---
    ✨ Follow-up Questions
    • ⤷What is the Temperature Coefficient (TCR) for this specific resistor series?
    • ⤷ Can this resistor handle pulse currents higher than 2 Watts?
    • ⤷ What are the physical dimensions of the SFG2E package?