SFPKA455KF4A-R1
AI

## Analysis of SFPKA455KF4A-R1
The **SFPKA455KF4A-R1** is a surface-mount (SMD) **Ceramic Filter** manufactured by Murata Electronics. It is part of the SFCHP/SFPKA series, specifically designed for the Intermediate Frequency (IF) stage in communication devices.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Center Frequency (fo)** | 455 kHz |
| **Bandwidth (at 6dB)** | ±7.5 kHz (min) |
| **Selectivity (at 40dB)** | ±15.0 kHz (max) |
| **Insertion Loss** | 4.0 dB (max) |
| **Input/Output Impedance** | 1.5 kΩ |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -20°C to +80°C |
---
### 2. Functional Description
This component acts as a **Bandpass Filter**. In radio receivers (Superheterodyne), the incoming signal is converted to a fixed Intermediate Frequency—usually 455 kHz for AM radio and narrow-band FM.
* **Signal Selection:** It allows the desired signal at 455 kHz to pass through while significantly attenuating (blocking) noise and adjacent channel interference.
* **Piezoelectric Effect:** It utilizes the mechanical vibration of piezoelectric ceramics to achieve high selectivity and stability in a very small form factor.
---
### 3. Application Areas
The SFPKA series is typically used in compact wireless communication equipment due to its low profile and SMD design.
* **Cordless Phones:** Standard filtering for signal clarity.
* **Pagers & Handheld Radios:** Narrow-band communication filtering.
* **AM/FM Receivers:** IF stage filtering in portable electronic devices.
* **Remote Control Systems:** Industrial and consumer RF remote receivers.
---
### 4. Circuit Implementation
When integrating the SFPKA455KF4A-R1, engineers must pay close attention to **Impedance Matching**.
```c
// Design Tip:
// Ensure the source and load impedance matches 1.5 kOhm.
// If the IC output impedance is different, use a resistor
// or transformer to prevent signal reflection and ripple.
```
---
- ⤷
What are the common alternatives to the SFPKA455KF4A-R1 if it is out of stock?
- ⤷ How does the 'K' or 'F' designation in the part number affect the bandwidth?
- ⤷ Can this filter be used in high-temperature industrial environments above 85°C?