SFSKA5M50CF00-R3_V01
AI

The **SFSKA5M50CF00-R3** is a high-performance **Ceramic Filter** manufactured by Murata Electronics. It belongs to the SFECV/SFSKA series, which are primarily designed for use in FM receiver intermediate frequency (IF) stages.
---
### 1. General Specifications
The part is a surface-mount device (SMD) that acts as a band-pass filter, allowing a specific frequency range to pass while attenuating others.
| Parameter | Specification |
| :--- | :--- |
| **Center Frequency (fc)** | 5.500 MHz |
| **Bandwidth (3dB)** | Typically ±50 kHz to ±80 kHz |
| **Insertion Loss** | 6.0 dB max (varies by sub-type) |
| **Input/Output Impedance** | 600 $\Omega$ |
| **Package Type** | SMD (Small footprint) |
| **Mounting Type** | Surface Mount |
---
### 2. Key Features
* **Miniaturization:** Designed with a low profile and small footprint to save PCB space in portable devices.
* **High Selectivity:** Provides sharp attenuation characteristics to prevent interference from adjacent channels.
* **Stability:** High thermal stability and mechanical vibration resistance due to the ceramic piezoelectric material.
* **Lead-Free:** Compliant with RoHS standards.
---
### 3. Application Areas
This specific filter frequency (5.5 MHz) is commonly used in global communication and broadcasting standards.
* **Television Receivers:** Used in the Sound IF (Intermediate Frequency) stage for processing audio signals in analog/digital hybrid systems.
* **FM Radios:** Used for signal filtering to ensure clear audio reception.
* **Wireless Communication:** Employed in receivers that require precise narrow-band filtering at the 5.5 MHz frequency mark.
---
### 4. Typical Circuit Integration
In a standard circuit, the filter is placed between the mixer and the IF amplifier.
```mermaid
graph LR
A[Mixer Output] --> B[Matching Resistor 600 ohm]
B --> C[SFSKA5M50CF00 Filter]
C --> D[Matching Resistor 600 ohm]
D --> E[IF Amplifier]
```
*Note: Since the impedance is 600 $\Omega$, impedance matching resistors or transformers are often required if the surrounding ICs operate at different impedance levels (e.g., 50 $\Omega$).*
---
- ⤷
What are the specific soldering temperature profiles recommended for this SMD ceramic filter?
- ⤷ How does the 5.5 MHz center frequency relate to specific television broadcast standards (like PAL or NTSC)?
- ⤷ What is the difference between the SFSKA series and the SFECV series from Murata?