SFTLF10M7JBA0-R0
AI

## Overview of SFTLF10M7JBA0-R0
The **SFTLF10M7JBA0-R0** is a specific type of **Ceramic Filter** manufactured by **Murata Electronics**. It is primarily used in communication equipment for frequency selection and noise suppression within the Intermediate Frequency (IF) stages.
---
### 1. Technical Specifications
| Parameter | Specification |
|:--- |:--- |
| **Manufacturer** | Murata Electronics |
| **Center Frequency** | 10.7 MHz |
| **Type** | Ceramic Filter (SFELF/SFTLF Series) |
| **Mounting Type** | Surface Mount (SMD) |
| **Bandwidth (3dB)** | Typically ±150 kHz or specific to "J" grade |
| **Insertion Loss** | Low (typically < 6dB) |
| **Operating Temperature** | -20°C to +80°C |
---
### 2. Functional Description
This component belongs to the **SFELF/SFTLF 10.7MHz series**. Its primary function is to allow a specific band of frequencies to pass through while rejecting unwanted signals (noise or adjacent channel interference).
* **Piezoelectric Effect:** It utilizes the mechanical vibration of ceramic materials to filter electrical signals.
* **Application:** Commonly found in FM radio receivers, wireless communication devices, and remote control systems.
* **"J" Grade:** In Murata's nomenclature, the "J" often signifies a specific bandwidth and tolerance range, ensuring high selectivity for FM broadcasting.
---
### 3. Component Identification (Code Breakdown)
| Segment | Meaning |
|:--- |:--- |
| **SFTLF** | Series name (Ceramic Filter for FM) |
| **10M7** | Center Frequency (10.7 MHz) |
| **J** | Bandwidth/Characteristics Code |
| **BA0** | Internal Control/Design Code |
| **R0** | Packaging Style (usually refers to Tape and Reel) |
---
### 4. Key Advantages
1. **Small Footprint:** The SMD design allows for high-density mounting on modern PCBs.
2. **Stability:** High frequency stability against temperature changes.
3. **No Adjustment Needed:** Unlike LC filters, ceramic filters are pre-tuned and do not require manual adjustment during assembly.
---
- ⤷
What are the typical bandwidth variations for Murata 10.7MHz filters?
- ⤷ How does this filter compare to a standard LC filter in FM circuits?
- ⤷ What is the pin configuration for the SFTLF SMD package?