SH331M016ST
AI

The part number **SH331M016ST** typically refers to an aluminum electrolytic capacitor manufactured by **Yageo/Teapo** (though other manufacturers use similar naming conventions).
Below is a detailed breakdown of its specifications based on the alphanumeric code.
---
## 1. Part Number Breakdown
The code follows a specific logic used by electronic component manufacturers:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **SH** | Series Name | Standard High-Temperature Series (usually 105°C) |
| **331** | Capacitance Value | **330 µF** (33 + one 0) |
| **M** | Tolerance | **±20%** (Standard for electrolytic capacitors) |
| **016** | Voltage Rating | **16 Volts (DC)** |
| **ST** | Case/Packing | Typically indicates "Snap-in" or "Straight Lead" with specific Taping |
---
## 2. Technical Specifications
This component is designed for general-purpose electronic filtering and power management.
### Electrical Characteristics
* **Capacitance:** 330 Microfarads (µF).
* **Voltage:** 16V DC (This is the maximum working voltage; it should typically be used in circuits of 12V or less).
* **Temperature Rating:** Up to **105°C**.
* **Polarity:** Polarized (Has a positive and negative lead; reversing voltage will cause failure).
### Physical Attributes
* **Type:** Aluminum Electrolytic.
* **Mounting:** Through-hole (Radial leads).
* **Size:** Generally a small cylindrical "can" shape.
---
## 3. Common Applications
Due to its 330µF / 16V rating, this part is frequently found in:
1. **Power Supply Filtering:** Smoothing out ripples in DC power lines.
2. **Audio Circuits:** Used for coupling or decoupling signals.
3. **Bypass Capacitors:** Stabilizing voltage near integrated circuits (ICs).
4. **Consumer Electronics:** Found in routers, chargers, and LED drivers.
---
## 4. Key Alternatives
If you cannot find the exact Yageo part, you can look for these equivalents from other brands, provided the physical dimensions fit:
* **Panasonic:** FC or FR Series (Higher quality/Lower ESR).
* **Nichicon:** UPW or UHE Series.
* **Rubycon:** YXF or ZL Series.
- ⤷
What are the physical dimensions (diameter and height) for this specific part?
- ⤷ How does the 'SH' series temperature rating compare to the 'SK' series?
- ⤷ What is the expected lifespan (hours) of this capacitor at its maximum rated temperature?