SH331M035ST
AI

The part number **SH331M035ST** refers to a specific **Aluminum Electrolytic Capacitor**. These components are widely used in power supplies, audio equipment, and general electronics for energy storage and filtering.
---
### 1. Part Number Breakdown
The nomenclature for this part (common in brands like Cornell Dubilier or Yageo/Yageo-Teapo) typically breaks down as follows:
| Segment | Code | Meaning |
|:---|:---|:---|
| **Series** | SH | Standard Series (usually 105°C rated) |
| **Capacitance** | 331 | **330 µF** (33 followed by 1 zero) |
| **Tolerance** | M | **±20%** (Industry standard) |
| **Voltage** | 035 | **35 Volts** (DC working voltage) |
| **Case Size/Type** | ST | Standard Termination / Specific Case Dimensions |
---
### 2. Key Technical Specifications
Based on standard manufacturer datasheets for this specific configuration:
* **Capacitance:** 330 Microfarads (µF).
* **Voltage Rating:** 35V DC (Surge voltage usually around 44V).
* **Temperature Range:** -40°C to +105°C (The "SH" series is often the high-temp variant compared to 85°C series).
* **Polarity:** Polarized (Has a specific negative and positive lead).
* **Mounting Type:** Through-hole (Radial leads).
* **Load Life:** Typically 2,000 hours at 105°C.
---
### 3. Physical Characteristics
| Attribute | Typical Value |
|:---|:---|
| **Shape** | Cylindrical (Can) |
| **Leads** | Radial (Both leads come out of the bottom) |
| **Marking** | White stripe on the sleeve indicates the **Negative (-)** terminal |
| **Electrolyte** | Liquid / Wet Aluminum |
---
### 4. Common Applications
Due to its capacitance and voltage rating, the SH331M035ST is frequently found in:
1. **Filtering:** Smoothing out ripple voltage in 12V or 24V DC power supplies.
2. **Decoupling:** Preventing electrical noise from affecting sensitive integrated circuits.
3. **Audio Circuits:** Used in signal coupling or power rails for amplifiers.
4. **Adaptors:** Found inside consumer electronics chargers and AC/DC bricks.
---
### 5. Equivalent Replacement Tips
If you are looking for a replacement, ensure the new part meets these criteria:
* **Capacitance:** Must be 330 µF.
* **Voltage:** Must be **35V or higher** (e.g., 50V is fine, but 25V is dangerous).
* **Temperature:** 105°C is preferred; an 85°C rated part may fail prematurely in hot environments.
* **Lead Spacing:** Ensure the physical distance between pins matches your PCB holes.
- ⤷
How do I identify the positive and negative leads on this capacitor?
- ⤷ What happens if I exceed the 35V voltage rating on this part?
- ⤷ Can I use a 330uF 50V capacitor to replace a 35V one?