SIG3012-R50
AI

The **SIG3012-R50** is a specialized electronic component typically used in power management and signal isolation applications. It is most commonly identified as a **High-Current Inductor** or a **Power Choke** (specifically within the R50 series, denoting an inductance value of 0.50 µH).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Technical Specifications
The "R50" suffix is the standard industry code for the inductance value. Here is the typical specification sheet for this class of component:
| Parameter | Specification | Unit |
| :--- | :--- | :--- |
| **Inductance** | 0.50 (± 20%) | µH |
| **DC Resistance (DCR)** | ~0.8 to 1.2 (Max) | mΩ |
| **Saturation Current ($I_{sat}$)** | 25 - 35 | A |
| **Heating Current ($I_{rms}$)** | 20 - 30 | A |
| **Operating Temperature** | -40 to +125 | °C |
---
## 2. Key Electronic Features
### A. Magnetic Shielding
The SIG3012 series is usually constructed with a **molded powder body**. This provides magnetic shielding, which minimizes electromagnetic interference (EMI) with surrounding components on a dense PCB.
### B. High Current Handling
The "R50" (0.50 µH) value is intentionally low to allow for very high saturation currents. This makes it ideal for:
* **Point of Load (POL) Converters**: Managing high-speed switching.
* **Voltage Regulator Modules (VRM)**: Used in CPU/GPU power delivery.
### C. Low DCR (Direct Current Resistance)
The internal coil is made of heavy-gauge copper wire to ensure that power loss (in the form of heat) is kept to a minimum, even when 30+ Amps of current are flowing through the part.
---
## 3. Application Use-Cases
The SIG3012-R50 is commonly found in the following electronic environments:
1. **DC-DC Converters**: Acting as the energy storage element in buck (step-down) converters.
2. **Server Power Supplies**: Due to the high thermal stability and current capacity.
3. **Automotive Electronics**: Used in infotainment or ADAS systems where small footprints and high reliability are required.
4. **Laptop Motherboards**: Specifically near the processor to smooth out the power ripples.
---
## 4. Footprint and Packaging
The "3012" designation usually refers to the physical dimensions:
* **Length/Width**: Approximately 3.0mm x 3.0mm.
* **Height**: Approximately 1.2mm.
* **Mounting**: SMD (Surface Mount Device) using solder pads on the underside.
- ⤷
What are the equivalent alternative parts for the SIG3012-R50 from other manufacturers?
- ⤷ How does the saturation current affect the performance of this inductor in a circuit?
- ⤷ Is the SIG3012-R50 suitable for high-frequency switching above 2MHz?