Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SK34L-SMB-R

  • AI
    The **SK34L-SMB-R** is a Surface Mount Schottky Barrier Rectifier commonly used for fast switching, low power loss, and high-efficiency applications. Below is a detailed technical breakdown of its components and specifications. --- ### 1. General Overview The SK34L is a Schottky diode designed for high-frequency rectification and polarity protection. The "SMB" suffix refers to its standardized physical package size. | Parameter | Specification | | :--- | :--- | | **Component Type** | Schottky Barrier Rectifier | | **Package Type** | SMB (DO-214AA) | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 40V | | **Average Forward Current ($I_{F(AV)}$)** | 3.0 Amperes | | **Forward Voltage Drop ($V_F$)** | ~0.50V (Typical) | | **Operating Temperature Range** | -55°C to +150°C | --- ### 2. Key Electronic Characteristics #### A. Low Forward Voltage Drop Unlike standard silicon diodes (which have a drop of ~0.7V), the SK34L typically operates with a drop around **0.45V to 0.50V**. This results in lower power dissipation and higher efficiency in power-sensitive circuits. #### B. High Surge Capability The device is engineered to handle high momentary current spikes. Its **Peak Forward Surge Current ($I_{FSM}$)** is typically rated around **80A to 100A** for a single 8.3ms half sine-wave. #### C. Fast Switching Speed Because Schottky diodes are majority carrier devices, they have negligible reverse recovery time ($t_{rr}$). This makes them ideal for high-speed switching power supplies. --- ### 3. Physical Construction (SMB Package) The "SMB" package (DO-214AA) is a standard molded plastic case. * **Polarity:** Indicated by a cathode band on the body. * **Terminals:** Solder-plated leads, solderable per MIL-STD-750. * **Mounting:** Designed for Surface Mount Technology (SMT) pick-and-place machines. --- ### 4. Typical Applications The SK34L-SMB-R is frequently found in the following electronic environments: 1. **DC-DC Converters:** Used as freewheeling diodes. 2. **Reverse Polarity Protection:** Protecting sensitive components if the battery or power source is connected backwards. 3. **AC-DC Rectification:** Low voltage secondary side rectification. 4. **Battery Chargers:** Efficient power routing with minimal heat generation. --- ### 5. Comparison: SK34 vs. Standard Diode | Feature | SK34L (Schottky) | 1N4007 (Standard Silicon) | | :--- | :--- | :--- | | **Switching Speed** | Ultra-Fast | Slow | | **Voltage Drop** | Low (0.5V) | High (0.7V - 1.1V) | | **Efficiency** | High | Moderate | | **Leakage Current** | Higher | Very Low | ---
    ✨ Follow-up Questions
    • ⤷What are the thermal resistance considerations for the SMB package?
    • ⤷ How does the 'L' in SK34L affect the low voltage drop performance?
    • ⤷ What is the maximum reverse leakage current for this diode at 25°C?