AI

## SL74HC393D: Dual 4-Stage Binary Ripple Counter
The **SL74HC393D** is a high-speed CMOS device. It consists of two independent 4-stage binary ripple counters (total of 8 bits) with individual Clock ($CP$) and Master Reset ($MR$) inputs.
### 1. Key Specifications and Features
| Parameter | Value / Description |
| :--- | :--- |
| **Logic Family** | High-Speed CMOS (74HC) |
| **Function** | Dual 4-Bit Binary Ripple Counter |
| **Supply Voltage ($V_{CC}$)** | 2.0V to 6.0V |
| **Output Current** | 5.2 mA |
| **Max Frequency ($f_{max}$)** | ~50 MHz (at 6V) |
| **Operating Temperature** | -55°C to +125°C |
| **Package Type** | SOIC-14 (indicated by the 'D' suffix) |
---
### 2. Internal Architecture and Pinout
The chip contains two identical, independent counters. Each counter has four T-type flip-flops internally connected to perform a divide-by-2, 4, 8, and 16 function.
#### Pin Configuration Table
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | 1CP | Clock Input, Counter 1 (Negative edge triggered) |
| 2 | 1MR | Master Reset, Counter 1 (Active HIGH) |
| 3, 4, 5, 6 | 1Q0 - 1Q3 | Parallel Outputs, Counter 1 |
| 7 | GND | Ground (0V) |
| 8, 9, 10, 11| 2Q3 - 2Q0 | Parallel Outputs, Counter 2 |
| 12 | 2MR | Master Reset, Counter 2 (Active HIGH) |
| 13 | 2CP | Clock Input, Counter 2 (Negative edge triggered) |
| 14 | $V_{CC}$ | Positive Supply Voltage |
---
### 3. Functional Logic
1. **Clocking ($CP$):** The counter advances on the **HIGH-to-LOW** transition (negative edge) of the clock input. Because it is a "ripple" counter, each stage's output serves as the clock for the next stage, leading to a small propagation delay between bits.
2. **Reset ($MR$):** A HIGH level on the Master Reset pin overrides the clock and asynchronously clears all flip-flops, setting all $Q$ outputs to LOW.
3. **Counting Sequence:** It follows a standard binary sequence ($0000$ to $1111$).
---
### 4. Typical Applications
* **Frequency Division:** Dividing a high-frequency clock signal by powers of 2 (up to $2^8$ if both counters are cascaded).
* **Time Delay Generation:** Creating specific intervals in digital circuits.
* **Event Counting:** Tracking pulses from sensors or user inputs.
* **Address Generation:** Providing sequential addresses for memory or multiplexers.
---
### 5. Cascading Example
To create an 8-bit counter ($0$ to $255$), you can connect the components as follows:
```text
Clock Source -> 1CP
1Q3 (MSB of Counter 1) -> 2CP (Clock for Counter 2)
```
*In this configuration, Counter 2 increments every time Counter 1 rolls over from 15 back to 0.*
- ⤷
What is the difference between a ripple counter like the 74HC393 and a synchronous counter?
- ⤷ How do I calculate the maximum power consumption for this chip at 5V?
- ⤷ Can the 74HC393 be used as a decade counter instead of binary?