SLP331M200C3P3
AI

The **SLP331M200C3P3** is a high-performance aluminum electrolytic capacitor. This specific part belongs to the **SLP series** manufactured by **Cornell Dubilier (CDE)**. It is designed for high-ripple current applications and features a "Snap-In" terminal style.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 330 µF (Microfarads) |
| **Voltage Rating** | 200 VDC |
| **Tolerance** | ±20% |
| **Operating Temperature** | -40°C to +105°C |
| **Lifetime** | 3,000 Hours @ 105°C |
| **Termination Style** | Snap-In (2 Pins) |
| **Case Size** | 25mm Diameter x 30mm Length |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific naming convention used by Cornell Dubilier:
* **SLP**: Series Name (105°C Snap-In Aluminum Electrolytic).
* **331**: Capacitance Code. The first two digits (33) are the significant figures, and the third (1) is the multiplier ($10^1$). $33 \times 10 = 330$ µF.
* **M**: Tolerance ($M = \pm 20\%$).
* **200**: DC Voltage Rating (200 Volts).
* **C3**: Case Code. Refers to the physical dimensions (25mm x 30mm).
* **P3**: Terminal Style (Standard 2-pin snap-in).
---
### 3. Key Electronic Characteristics
#### A. Snap-In Terminals
The "Snap-In" design is engineered to hold the component securely in place on a Printed Circuit Board (PCB) during the soldering process. This is vital for larger, heavier capacitors to prevent movement that could break solder joints.
#### B. 105°C Temperature Rating
Unlike standard 85°C capacitors, the SLP series is rated for 105°C. This makes it suitable for high-heat environments like power supplies, where heat dissipation from transformers and semiconductors is significant.
#### C. High Ripple Current Handling
This part is designed to handle high AC ripple currents, which are common in the rectification stages of power converters. It smooths the "pulsing" DC into a steady voltage.
---
### 4. Common Applications
* **Switch Mode Power Supplies (SMPS):** Used for input filtering and bulk energy storage.
* **Motor Drives:** Provides the DC bus voltage stabilization.
* **Welding Equipment:** High energy discharge and filtering.
* **Uninterruptible Power Supplies (UPS):** Energy reservoirs during power transitions.
- ⤷
What are the equivalent alternative parts for the SLP331M200C3P3 from other manufacturers?
- ⤷ How does the ripple current rating of this capacitor affect its lifespan?
- ⤷ Can this capacitor be used in an AC circuit directly?