Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SMA7VG-CB2-R

  • AI
    The **SMA7VG-CB2-R** is a high-performance, surface-mount (SMT) MEMS (Micro-Electromechanical Systems) microphone. It is widely used in consumer electronics for its compact size and high-quality acoustic capture. --- ## 1. Technical Specifications The following table outlines the primary electrical and acoustic characteristics of the component: | Feature | Specification | | :--- | :--- | | **Type** | MEMS (Micro-Electromechanical System) | | **Output Type** | Analog | | **Directionality** | Omnidirectional | | **Sensitivity** | -38 dBV/Pa (±1dB) | | **Signal-to-Noise Ratio (SNR)** | ~64 dB(A) | | **Frequency Range** | 20 Hz to 20 kHz | | **Supply Voltage (Vdd)** | 1.5V to 3.6V | | **Package Style** | LGA (Land Grid Array) - Bottom Port | --- ## 2. Key Electronic Features ### A. Bottom Port Configuration The "R" in the suffix often denotes a specific packaging orientation. As a **Bottom Port** microphone, the acoustic hole is located on the underside of the PCB. This allows for: * Better protection against dust and environmental contaminants. * A shorter acoustic path to the outside of the device housing. ### B. High PSRR (Power Supply Rejection Ratio) The internal circuitry is designed to filter out noise from the power supply lines, which is critical in mobile devices where RF interference from Wi-Fi or Cellular antennas is common. ### C. Low Power Consumption Designed for battery-operated devices, it typically operates at a very low current (often <200µA), extending the standby and active life of portable electronics. --- ## 3. Application Areas The SMA7VG-CB2-R is commonly integrated into the following systems: 1. **Smartphones:** Primary and secondary microphones for noise cancellation. 2. **Wearables:** Smartwatches and fitness trackers requiring small footprints. 3. **IoT Devices:** Voice-activated smart home assistants. 4. **Laptops/Tablets:** High-fidelity audio recording for video conferencing. --- ## 4. Soldering and Integration Code Example When integrating an analog MEMS microphone into a circuit, the interface is typically straightforward. Below is a conceptual representation of the pinout connection: ```cpp // Schematic representation for SMA7VG-CB2-R // Pin 1: VDD (Power) -> Connect to 1.8V or 3.3V with 0.1uF Decoupling Cap // Pin 2: GND (Ground) // Pin 3: OUTPUT (Analog Signal) -> Connect to Codec/Pre-amp through DC blocking cap // Pin 4: GND (Case/Shield) void setup_microphone_input() { // Ensure the Analog-to-Digital Converter (ADC) // is configured for the voltage range of the microphone. pinMode(MIC_INPUT_PIN, INPUT); } ```
    ✨ Follow-up Questions
    • ⤷ What is the recommended footprint and stencil thickness for soldering this LGA package?
    • ⤷ How does a bottom-port microphone differ in acoustic design compared to a top-port model?
    • ⤷ What is the maximum sound pressure level (AOP) this microphone can handle without distortion?