Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SMBJS

  • AI
    The **SMBJ series** refers to a popular family of Surface Mount (SMT) **Transient Voltage Suppression (TVS) Diodes**. These components are designed specifically to protect sensitive electronic circuits against voltage spikes caused by electrostatic discharge (ESD) and inductive load switching. --- ## 1. Key Specifications The "SMBJ" name follows an industry standard for naming conventions based on the package size and power rating. | Feature | Specification | | :--- | :--- | | **Package Type** | DO-214AA (SMB) | | **Peak Pulse Power** | 600 Watts (at 10/1000μs waveform) | | **Voltage Range** | 5.0V to 440V (Breakdown Voltage) | | **Response Time** | Fast (typically < 1ps) | | **Configuration** | Available in Unidirectional and Bidirectional | --- ## 2. Functional Characteristics A TVS diode like the SMBJ works by clamping a high-voltage transient to a safe level, diverting the excess current to the ground. ### Unidirectional vs. Bidirectional * **Unidirectional (e.g., SMBJ5.0A):** Acts like a Zener diode in one direction and a standard diode in the other. Used for DC circuits. * **Bidirectional (e.g., SMBJ5.0CA):** Can clamp spikes in both positive and negative directions. Used for AC lines or data lines with alternating signals. ### Electrical Parameters 1. **$V_{RWM}$ (Reverse Stand-off Voltage):** The maximum voltage the diode can handle without "turning on." 2. **$V_{BR}$ (Breakdown Voltage):** The point where the diode starts to conduct and protect the circuit. 3. **$V_C$ (Clamping Voltage):** The maximum voltage the protected circuit will see during a spike. 4. **$I_{PP}$ (Peak Pulse Current):** The maximum surge current the device can survive. --- ## 3. Physical Attributes The SMBJ uses the **SMB package**, which is the middle-tier size in the TVS family: | Package Code | Series Name | Power Rating | Size (Approx) | | :--- | :--- | :--- | :--- | | SMA | SMAJ | 400W | Smallest | | **SMB** | **SMBJ** | **600W** | **Medium** | | SMC | SMCJ | 1500W | Largest | --- ## 4. Typical Applications The SMBJ series is commonly found in: * **I/O Interfaces:** Protecting USB, HDMI, or Ethernet ports. * **Power Supplies:** Clamping surges from the mains or DC/DC converters. * **Automotive:** Protecting ECU (Electronic Control Units) from "load dump" transients. * **Telecommunications:** Protecting signal lines from lightning-induced surges. --- ## 5. Part Numbering Example Taking the **SMBJ12CA** as an example: * **SMBJ**: 600W Surface Mount TVS. * **12**: 12 Volts ($V_{RWM}$). * **C**: Bidirectional (No "C" means Unidirectional). * **A**: 5% Tolerance (No "A" means 10% Tolerance).
    ✨ Follow-up Questions
    • ⤷ What is the difference between an SMBJ diode and a standard Zener diode?
    • ⤷ How do I calculate the correct voltage rating for an SMBJ diode in my circuit?
    • ⤷ Can I substitute an SMBJ diode with an SMCJ diode for better protection?