Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SMBJXXXXXG-SMB-R

  • AI
    ## Understanding the SMBJ Series TVS Diode The part number **SMBJXXXXXG-SMB-R** refers to a **Surface Mount Transient Voltage Suppressor (TVS) Diode**. These components are specifically designed to protect sensitive electronic circuits against voltage transients induced by lightning, ESD (Electrostatic Discharge), and inductive load switching. --- ### 1. Part Number Breakdown While the "XXXXX" is a placeholder for the specific breakdown voltage (e.g., 5.0, 12, 24), the suffix and prefix characters define the physical and electrical characteristics: | Segment | Meaning | Description | | :--- | :--- | :--- | | **SMBJ** | Series Name | 600 Watt peak pulse power dissipation series. | | **XXXXX** | Voltage/Type | Indicates the Reverse Stand-off Voltage ($V_{RWM}$) and polarity (e.g., "A" for Unidirectional, "CA" for Bidirectional). | | **G** | Material | Often indicates "Green" (Halogen-free and RoHS compliant). | | **SMB** | Package Type | Industry standard DO-214AA (SMB) plastic molded package. | | **R** | Packing | Typically stands for "Tape and Reel" (13-inch reel). | --- ### 2. Key Technical Specifications Most diodes in the SMBJ series share these fundamental performance metrics: * **Peak Pulse Power ($P_{PP}$):** 600 Watts (at 10/1000μs waveform). * **Response Time:** Extremely fast; typically less than 1.0ps for Unidirectional and 5.0ns for Bidirectional. * **Operating Temperature:** -55°C to +150°C. * **Clamping Voltage ($V_C$):** The maximum voltage the device allows to pass to the circuit during a spike. --- ### 3. Visual and Mechanical Data The **SMB (DO-214AA)** package is mid-sized, sitting between the smaller SMA and the larger SMC packages. | Feature | Specification | | :--- | :--- | | **Package Material** | Molded Plastic (UL 94V-0 Flammability Rating) | | **Terminals** | Matte Tin plated leads; Solderable per MIL-STD-750 | | **Polarity** | Band denotes cathode (for Unidirectional types only) | --- ### 4. Typical Applications * **I/O Interfaces:** Protecting USB, HDMI, or RS-485 ports. * **Telecom:** Protection for line cards and base stations. * **Power Supplies:** Suppressing surges on DC power lines. * **Automotive:** Protecting ECU and sensors from "load dump" transients. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Unidirectional (A) and Bidirectional (CA) TVS diodes?
    • ⤷ How do I calculate the correct voltage rating for my circuit?
    • ⤷ What is the physical size difference between SMA
    • ⤷ SMB
    • ⤷ and SMC packages?