AI

The **SMC04-5-R** is a high-performance, single-axis stepper motor controller/driver module. It is designed for precision motion control in industrial automation, often used where ease of programming and compact form factor are required.
---
### 1. Key Technical Specifications
The following table highlights the core electrical and mechanical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 5V DC (Logic and Motor Power) |
| **Drive Current** | Up to 1.5A - 2A (depending on heat sinking) |
| **Control Method** | Pulse/Direction (PUL/DIR) or Integrated Commands |
| **Microstepping** | Full step, 1/2, 1/4, 1/8, 1/16, 1/32 |
| **Communication** | Serial (UART/RS232/RS485 depending on sub-variant) |
| **Motor Type** | 2-Phase Bipolar Stepper Motors |
---
### 2. Core Electronic Components
The SMC04-5-R typically integrates several critical sub-systems onto its PCB:
#### A. The Driver IC (H-Bridge)
At the heart of the module is a specialized stepper driver chip (often a variant of the **Allegro A4988** or **TI DRV8xxx** series). This chip manages the H-bridge power delivery to the motor coils, regulating current to prevent overheating while maintaining torque.
#### B. Microcontroller Unit (MCU)
Unlike simple driver boards, the SMC04 series includes an onboard MCU. This allows the device to:
* Store motion profiles (acceleration/deceleration ramps).
* Process logic signals from limit switches.
* Communicate with a Master PLC or PC via serial protocols.
#### C. Power Regulation & Protection
* **Decoupling Capacitors:** Electrolytic and ceramic capacitors filter noise from the 5V power rail to ensure stable motor operation.
* **TVS Diodes:** Often included to protect the logic circuits from "back-EMF" (voltage spikes generated by the motor when it slows down or is turned manually).
---
### 3. Pinout and Interface
The module usually features a terminal block or pin header interface categorized as follows:
1. **Power Input:** `VCC` (5V) and `GND`.
2. **Motor Output:** `A+`, `A-`, `B+`, `B-` (Coil connections).
3. **Control Interface:**
* **PUL/CLK:** Pulse input (controls speed).
* **DIR:** Direction input (High/Low for CW/CCW).
* **EN:** Enable/Disable the motor current.
4. **Feedback/Limit:** Inputs for Home or Limit switches to prevent mechanical over-travel.
---
### 4. Typical Applications
* **Medical Devices:** Precision syringe pumps or laboratory automation.
* **3D Printing/CNC:** Small-scale linear actuators.
* **Camera Gimbals:** Controlled panning and tilting mechanisms.
- ⤷
What is the maximum step frequency supported by the SMC04-5-R?
- ⤷ Does this module require an external heatsink for continuous 1.5A operation?
- ⤷ How do I configure the microstepping jumpers on this specific board?