SML-R13YWT86P
AI

### SML-R13YWT86P: Electronic Specifications and Overview
The **SML-R13YWT86P** is a high-brightness, surface-mount (SMD) Light Emitting Diode (LED) manufactured by **ROHM Semiconductor**. It belongs to the SML-R1 series and is commonly used in compact consumer electronics for status indication.
---
### 1. Key Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Color** | Yellow | Dominant Wavelength: ~590nm |
| **Package Size** | 0603 (Metric 1608) | 1.6mm x 0.8mm x 0.36mm |
| **Luminous Intensity** | 25 mcd to 63 mcd | Measured at $I_F = 20mA$ |
| **Forward Voltage ($V_F$)** | 2.0V (Typical) | Max 2.4V |
| **Forward Current ($I_F$)** | 20mA | Standard operating current |
| **Operating Temp** | -40°C to +85°C | Industrial grade range |
| **Lens Type** | Milky White | Diffused lens for wider viewing angle |
---
### 2. Component Features
* **Ultra-Thin Profile:** With a height of only 0.36mm, it is ideal for thin devices like smartphones, wearables, and membrane switches.
* **Material Composition:** It utilizes **AlGaInP** (Aluminium Gallium Indium Phosphide) technology, which provides high efficiency and reliability for yellow and orange spectrums.
* **Viewing Angle:** Due to the milky white diffused lens, the light distribution is broad, reducing "hot spots" in indicator windows.
---
### 3. Application Examples
The SML-R13YWT86P is versatile for several low-power lighting applications:
1. **Backlighting:** Small LCD screens or button keypads.
2. **Status Indicators:** Network routers, battery charging signals, or power-on LEDs.
3. **Wearable Tech:** Fitness trackers where PCB space and thickness are extremely limited.
---
### 4. Footprint and Soldering (Code Sample)
When designing a PCB for this part, the landing pattern follows the standard 0603 SMD footprint. Below is a generic representation of the pad dimensions in millimeters:
```markdown
PCB Land Pattern (Approximate):
- Pad Width: 0.8mm
- Pad Height: 0.6mm
- Gap between pads: 0.8mm
- Total Footprint: 2.4mm x 0.8mm
```
- ⤷
What is the maximum pulse forward current for this LED?
- ⤷ Are there alternative colors available in the SML-R13 series?
- ⤷ What are the recommended storage conditions to prevent moisture sensitivity issues?