SMR-R100-1.0
AI

Based on electronic component nomenclature and design standards, the **SMR-R100-1.0** typically refers to a **Surface Mount Resistor (SMR)** with a high-precision, low-resistance value, often used as a current sense resistor.
### Technical Specifications Breakdown
The alphanumeric code can be broken down into its primary electrical characteristics:
| Code Segment | Parameter | Description |
| :--- | :--- | :--- |
| **SMR** | Type | Surface Mount Resistor (Chip Type) |
| **R100** | Resistance Value | 100 milliohms ($0.1\Omega$) |
| **1.0** | Precision / Tolerance | $\pm 1.0\%$ (F-class tolerance) |
---
### Key Features and Electronic Composition
These parts are engineered for power management and signal monitoring. Below are the typical electronic properties:
1. **Material Construction**:
* **Substrate**: Usually a high-grade Alumina ($Al_2O_3$) ceramic.
* **Resistive Element**: Metal plate or thick film alloy (often Manganese-Copper) for stability.
* **Termination**: Sn (Tin) over Ni (Nickel) barrier for excellent solderability.
2. **Current Sensing**: The "R100" ($0.1\Omega$) value is specifically designed to measure current flow by monitoring the voltage drop across the resistor ($V = I \times R$).
3. **Low TCR**: They feature a low **Temperature Coefficient of Resistance**, meaning the resistance remains stable even as the part heats up during operation.
4. **Power Rating**: Depending on the physical package size (e.g., 1206, 2512), these typically handle between **0.25W to 2W**.
---
### Common Applications
| Application | Role of SMR-R100-1.0 |
| :--- | :--- |
| **Battery Management** | Monitoring charge/discharge cycles in Li-ion packs. |
| **DC-DC Converters** | Providing feedback for over-current protection circuits. |
| **Motor Control** | Sensing phase current to manage torque and speed. |
| **LED Drivers** | Maintaining constant current for brightness stability. |
---
### Sample Footprint Code (Example)
If you are implementing this in a PCB design tool (like Altium or KiCad), the footprint might look like this:
```markdown
Library: Resistor_SMD
Footprint: R_1206_3216Metric
Value: 0.1R / 1%
```
- ⤷What is the typical wattage rating for an SMR-R100 in a 2512 package?
- ⤷ How does a 1% tolerance affect current sensing accuracy in power supplies?
- ⤷ What are the alternatives to SMR-R100 for high-frequency applications?