AI

The **SMS-1508-2-R** is a high-performance, miniature surface-mount (SMT) loudspeaker manufactured by **PUI Audio**. It is specifically designed for applications where space is at a premium, but clear sound reproduction is required.
---
## 1. Technical Specifications
The following table summarizes the core electronic and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Type** | Dynamic Speaker (Moving Coil) |
| **Rated Power** | 0.5 Watts |
| **Maximum Power** | 0.8 Watts |
| **Impedance** | 8 Ohms ± 15% |
| **Sound Pressure Level (SPL)** | 85 dB ± 3dB @ 0.1W / 0.1M |
| **Resonant Frequency (Fo)** | 850 Hz ± 20% |
| **Frequency Range** | 850 Hz ~ 20,000 Hz |
| **Mounting Type** | Surface Mount (SMT) |
| **Dimensions** | 15mm x 8mm x 2.5mm |
---
## 2. Internal Electronic Construction
The device operates on standard electromagnetic principles but is scaled down to a micro-form factor:
* **Voice Coil:** A fine copper wire coil attached to the diaphragm. When an AC signal passes through, it creates a fluctuating magnetic field.
* **Permanent Magnet:** Typically a Neodymium (NdFeB) magnet, which provides a high magnetic flux density relative to its small size.
* **Diaphragm:** Made from a lightweight polymer (often PEEK or similar), which vibrates to move air and create sound waves.
* **Frame:** A high-temperature plastic housing designed to withstand the heat of lead-free reflow soldering processes.
---
## 3. Key Electronic Considerations
### Drive Signal
To drive the SMS-1508-2-R, you typically need a small **Class-D or Class-AB audio amplifier**. Because the impedance is **8 Ohms**, it is compatible with most standard low-power audio ICs.
### Polarity and Protection
* **Polarity:** The device has specific SMT pads for positive (+) and negative (-). Maintaining correct polarity is crucial in multi-speaker setups to prevent phase cancellation.
* **DC Blocking:** It is recommended to use a **DC blocking capacitor** in series with the speaker if the amplifier output has a DC offset, as DC current will cause the voice coil to overheat and fail.
### Thermal Management
As an SMT component, the speaker relies on the PCB traces to help dissipate a small amount of heat. However, since it is rated at 0.5W, it is vital not to exceed the **0.8W peak** limit to prevent the voice coil from melting or the adhesive holding the diaphragm from failing.
---
## 4. Typical Applications
* Handheld medical devices.
* IoT sensors and smart home hubs.
* Portable scanners and POS terminals.
* Wearable electronics.
- ⤷
What is the recommended reflow soldering profile for this SMT speaker?
- ⤷ Can this speaker be used for voice recognition feedback or just simple beeps?
- ⤷ How does the resonant frequency affect the audio quality in a small enclosure?