AI

The **SMT-0827-S-9-R** is a surface-mount (SMT) piezoelectric transducer (buzzer) manufactured by **PUI Audio**. It is designed for compact electronic devices requiring audible alerts or feedback.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Technology** | Piezoelectric |
| **Rated Voltage** | 9 Vp-p |
| **Operating Voltage Range** | 1 ~ 25 Vp-p |
| **Frequency (Resonant)** | 2,700 Hz ± 500 Hz |
| **Sound Pressure Level (SPL)** | ≥ 75 dB @ 10cm |
| **Current Consumption** | ≤ 3 mA |
| **Capacitance** | 11,000 pF ± 30% |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -20°C to +70°C |
---
### 2. Physical Dimensions & Construction
* **Form Factor:** It features a square or rectangular footprint optimized for pick-and-place assembly machines.
* **Size:** Approximately 8mm x 8mm x 2.5mm.
* **Housing Material:** LCP (Liquid Crystal Polymer), which is heat-resistant for lead-free reflow soldering processes.
* **Drive Type:** **External Drive**. This means the component does not have an internal oscillation circuit; it requires an external AC signal (square wave) at the resonant frequency to produce sound.
---
### 3. Application Circuit Example
Because this is a piezo element, it acts like a capacitor. To drive it effectively from a microcontroller (MCU), a simple transistor circuit is often used to provide the necessary voltage swing.
```cpp
// Example: Driving a piezo with an Arduino/MCU
void setup() {
pinMode(9, OUTPUT); // Connect Pin 9 to a transistor driving the SMT-0827
}
void loop() {
tone(9, 2700); // Send a 2.7kHz square wave
delay(500); // Sound for 500ms
noTone(9); // Silence
delay(1000);
}
```
---
### 4. Advantages and Use Cases
* **Low Power:** Uses very little current compared to magnetic buzzers, making it ideal for battery-operated devices.
* **Slim Profile:** The low-profile design (2.5mm height) fits into handheld electronics like medical monitors, glucose meters, and IoT sensors.
* **Durability:** No moving mechanical parts (like a striker), leading to a longer lifespan.
- ⤷
What is the difference between an external drive and internal drive buzzer?
- ⤷ How do I calculate the power consumption for a piezo transducer?
- ⤷ What is the recommended reflow soldering profile for this component?