Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SMV-R003-5

  • AI
    ## Analysis of the SMV-R003-5 Electronic Component The **SMV-R003-5** is a high-precision, surface-mount **Current Sense Resistor** (also known as a Shunt Resistor). It is primarily used in power electronics to measure current by monitoring the voltage drop across its known resistance. ### 1. Technical Specifications The part number itself typically encodes the key electrical characteristics. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 3 mΩ (0.003 Ω) | Indicated by "R003" | | **Tolerance** | ±0.5% or ±1% | Indicated by "5" (varies by manufacturer series) | | **Power Rating** | 5W - 7W | High power handling for high-current applications | | **Technology** | Metal Plate / Manganin | Low inductance and high stability | | **Temperature Coefficient** | ±20 ppm/K to ±50 ppm/K | Ensures accuracy across temperature changes | --- ### 2. Key Features * **Low Resistance:** At 3 milliohms, it minimizes power loss ($P = I^2R$) and heat generation within the circuit. * **High Power Dissipation:** Designed with a robust metal structure to handle significant current loads without shifting resistance. * **Four-Terminal (Kelvin) Connection Potential:** Many resistors in this class are designed to be used with Kelvin sensing to eliminate the resistance of the PCB traces from the measurement. * **AEC-Q200 Compliance:** Often used in automotive environments where vibration and thermal shock resistance are mandatory. --- ### 3. Typical Applications The SMV-R003-5 is commonly found in circuits requiring precise current monitoring: 1. **Battery Management Systems (BMS):** Measuring charge and discharge cycles in EV batteries or power tools. 2. **Motor Control:** Providing feedback for PWM speed control in industrial motors. 3. **DC-DC Converters:** Over-current protection and feedback loops. 4. **Inverters:** Monitoring output current in solar or backup power systems. --- ### 4. Comparison Table: Shunt Resistor vs. Standard Resistor | Feature | SMV-R003-5 (Shunt) | Standard Thin/Thick Film | | :--- | :--- | :--- | | **Resistance Range** | Extremely Low (mΩ) | High (Ω to MΩ) | | **Thermal Stability** | Excellent (Low TCR) | Moderate | | **Main Function** | Current Measurement | Voltage Division / Current Limiting | | **Size** | Larger (for heat dissipation) | Compact |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity of the SMV-R003-5 based on its 5W rating?
    • ⤷ How does a Kelvin connection improve the accuracy of this 3 mΩ resistor?
    • ⤷ Which manufacturers are the primary producers of the SMV series resistors?