AI

## Overview of the SN54162J
The **SN54162J** is a high-performance, synchronous 4-bit decade (BCD) counter belonging to the Transistor-Transistor Logic (TTL) family. It is specifically designed for military-grade applications, characterized by the "54" prefix and the "J" suffix (Ceramic Dual-In-Line Package).
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Logic Family** | TTL (Standard) |
| **Function** | Synchronous 4-Bit Decade Counter |
| **Counting Sequence** | BCD (0 to 9) |
| **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V |
| **Operating Temperature** | -55°C to 125°C |
| **Package Type** | J (16-pin Ceramic DIP) |
| **Clock Frequency ($f_{max}$)** | Typ. 25 MHz |
---
### 2. Functional Characteristics
The SN54162J is distinguished by its fully synchronous operation. This means all state changes (counting, loading, and clearing) occur simultaneously with the positive-going edge of the clock pulse.
#### Internal Components
* **Flip-Flops:** Four master-slave JK flip-flops.
* **Gating Logic:** Internal look-ahead circuitry for high-speed counting and carry generation.
* **Synchronous Clear:** Unlike the SN54160, the '162 version features a **synchronous clear**. The clear input must be low during a clock transition to reset the counter to zero.
#### Pin Configuration (16-Pin DIP)
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | $\overline{CLR}$ | Synchronous Clear (Active Low) |
| 2 | CLK | Clock Input (Positive Edge Triggered) |
| 3-6 | A, B, C, D | Data Inputs (for Presetting) |
| 7 | ENP | Count Enable Parallel |
| 8 | GND | Ground |
| 9 | $\overline{LOAD}$ | Synchronous Load (Active Low) |
| 10 | ENT | Count Enable Trickle |
| 11-14 | $Q_D, Q_C, Q_B, Q_A$ | Data Outputs |
| 15 | RCO | Ripple Carry Output |
| 16 | $V_{CC}$ | Power Supply |
---
### 3. Operational Logic Table
| $\overline{CLR}$ | $\overline{LOAD}$ | ENP | ENT | Action |
| :---: | :---: | :---: | :---: | :--- |
| L | X | X | X | Reset to 0 (at next Clock $\uparrow$) |
| H | L | X | X | Load Data (A,B,C,D) at next Clock $\uparrow$ |
| H | H | H | H | Count Up |
| H | H | L | X | Hold (No Change) |
| H | H | X | L | Hold (No Change, RCO goes Low) |
---
### 4. Comparison: SN54162 vs. SN54160
The primary difference lies in the **Clear** function:
* **SN54160:** Asynchronous Clear (Resets immediately regardless of the clock).
* **SN54162:** Synchronous Clear (Resets only on the next rising edge of the clock).
---
- ⤷
What are the advantages of synchronous clearing in high-speed digital circuits?
- ⤷ Can the SN54162J be cascaded to create an 8-bit BCD counter?
- ⤷ What are the modern CMOS equivalents to the SN54162J?