SPB1005-R10M
AI

The **SPB1005-R10M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. This specific part number typically follows the naming convention of manufacturers like **Pulse Electronics** or similar high-reliability magnetic component producers.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electrical and physical characteristics:
| Parameter | Specification | Description |
|:--- |:--- |:--- |
| **Inductance** | 0.10 µH (100nH) | "R10" indicates the decimal point for value in microhenries. |
| **Tolerance** | ±20% | "M" stands for the standard tolerance. |
| **Case Size** | 1005 (Metric 2512) | Approx. 10.0 x 10.0 x 5.0 mm (Size varies slightly by brand). |
| **Core Material** | Iron Powder / Shielded | Designed for high saturation and low EMI. |
| **Mounting Type** | SMD/SMT | Surface mount technology for automated assembly. |
---
### 2. Detailed Breakdown of Part Number
The part number is structured to provide specific engineering data:
* **SPB**: The Series prefix (often stands for Shielded Power Block or similar proprietary series).
* **1005**: Represents the physical dimensions (often 10mm length by 10mm width).
* **R10**: The inductance value. The "R" acts as a decimal point. $0.10 \mu H$.
* **M**: The tolerance code ($M = \pm 20\%$).
---
### 3. Electronic Performance Characteristics
#### High Saturation Current ($I_{sat}$)
Because the inductance value is very low ($0.10 \mu H$), this part is engineered to handle extremely high peak currents without the magnetic core "saturating." If a core saturates, the inductance drops sharply, potentially damaging the circuit.
#### Low DC Resistance (DCR)
The internal windings are usually made of thick copper wire or flat wire. This minimizes energy loss through heat, making it highly efficient for high-speed switching power supplies.
#### Magnetic Shielding
The component is typically "shielded," meaning the magnetic field is contained within the body of the inductor. This prevents electromagnetic interference (EMI) from affecting nearby sensitive components on the PCB.
---
### 4. Common Applications
Due to its low inductance and high current handling, the SPB1005-R10M is found in:
* **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery.
* **Point of Load (POL) Converters:** High-efficiency power distribution on motherboards.
* **Distributed Power Systems:** Converting high bus voltages to low-voltage, high-current rails.
- ⤷
What is the maximum current rating (Isat) for the SPB1005-R10M?
- ⤷ How does the 'R10' value affect the ripple current in a buck converter?
- ⤷ Are there pin-compatible alternatives from other manufacturers like Coilcraft or Vishay?