SPB1005-R12M
AI

The **SPB1005-R12M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. This specific part belongs to a class of shielded power inductors designed for high efficiency and low electromagnetic interference (EMI).
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Component Segment | Meaning | Details |
| :--- | :--- | :--- |
| **SPB** | Series Prefix | Typically represents a Shielded Power Bead or High-Current series. |
| **1005** | Case Size | Dimensions (approx. 10mm x 10mm x 5mm). |
| **R12** | Inductance Value | **0.12 µH** (R denotes the decimal point). |
| **M** | Tolerance | **±20%** (Standard industry code for tolerance). |
---
### 2. Technical Specifications
While exact specs can vary slightly by manufacturer (such as Sunlord or Cyntec), the general characteristics for an R12 inductor in this footprint are:
* **Inductance:** 0.12 µH.
* **DC Resistance (DCR):** Extremely low (usually < 1.0 mΩ), minimizing power loss.
* **Saturation Current ($I_{sat}$):** Very high, typically ranging from **40A to 60A**. This is the current at which inductance drops by a specific percentage.
* **Heat Rating Current ($I_{rms}$):** The steady-state current that causes a 40°C temperature rise.
* **Operating Temperature:** Generally **-40°C to +125°C**.
---
### 3. Key Features
* **Magnetic Shielding:** The inductor is encapsulated in a magnetic alloy powder or core, which reduces stray magnetic fields and prevents interference with nearby components.
* **Low Core Loss:** Designed for high-frequency switching environments (up to several MHz).
* **High Current Density:** The flat wire or molded construction allows it to handle massive amounts of current relative to its small physical size.
---
### 4. Typical Applications
This part is usually found in high-performance power stages:
1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery on motherboards.
2. **Point of Load (POL) Converters:** High-efficiency buck converters for industrial electronics.
3. **Servers and Data Centers:** Where high current and high efficiency are critical.
4. **Distributed Power Systems:** Converting 12V or 5V rails down to sub-1V levels.
---
### 5. Example Schematic Integration
In a typical Buck Converter circuit, the SPB1005-R12M acts as the energy storage element:
```spice
* Simple Buck Converter Representation
Vin 1 0 DC 12V
SW1 1 2 ; Switching MOSFET
L1 2 3 0.12uH ; SPB1005-R12M Inductor
C1 3 0 470uF ; Output Capacitor
Load 3 0 0.1ohm ; High current load
```
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Can you provide the exact dimensions of the 1005 package in millimeters?
- ⤷ What are the common alternatives to the SPB series for high-current applications?