Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SPB1005-R15M

  • AI
    ## Analysis of the SPB1005-R15M Electronic Component The **SPB1005-R15M** is a high-current, surface-mount (SMD) power inductor. It is designed for high-frequency DC-DC conversion and power management applications where space is limited but current demands are high. ### 1. Part Number Breakdown Understanding the nomenclature helps identify its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **SPB** | Series Prefix | Typically denotes a shielded power inductor series. | | **1005** | Case Size | Dimensions (approx. 10mm x 10mm x 5mm). | | **R15** | Inductance Value | **0.15 µH** (R acts as a decimal point). | | **M** | Tolerance | **±20%** (Standard for power inductors). | --- ### 2. Key Technical Specifications While exact specifications can vary slightly by manufacturer (such as Sunlord or similar brands), the 1005 series generally follows these parameters: * **Inductance:** 0.15 µH * **Tolerance:** ±20% * **Operating Temperature:** -40°C to +125°C (including self-heating) * **DC Resistance (DCR):** Extremely low (typically < 1.0 mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** High, often exceeding 30A-50A depending on the specific core material. * **Shielding:** Magnetic shielding to reduce Electromagnetic Interference (EMI). --- ### 3. Core Features and Construction 1. **Magnetic Shielding:** The component is usually encapsulated in a magnetic alloy powder. This prevents magnetic flux from leaking and interfering with adjacent components. 2. **Flat Wire Technology:** Many inductors in this size use flat copper wire instead of round wire. This increases the cross-sectional area, significantly lowering DCR and allowing for higher current handling. 3. **Molded Design:** The "Molded" construction provides excellent resistance to mechanical shock and vibration. --- ### 4. Typical Applications The SPB1005-R15M is primarily found in high-efficiency power stages: * **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power supplies on motherboards. * **DC-DC Converters:** Point-of-Load (POL) converters in telecommunications. * **Automotive Electronics:** Infotainment and ADAS systems requiring stable power under heat. * **Battery Powered Systems:** Where low DCR is critical to extending battery life. --- ### 5. Footprint (Mechanical Data) *Note: Dimensions are in millimeters (mm).* | Length (L) | Width (W) | Height (H) | | :--- | :--- | :--- | | 10.0 ± 0.5 | 10.0 ± 0.5 | 5.0 (Max) | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Saturation Current and RMS Current for this inductor?
    • ⤷ How does the 'R15' value impact the ripple current in a buck converter?
    • ⤷ Which manufacturers are the primary suppliers for the SPB series?