SPM5030VT-R22M-D
AI

## Detailed Technical Overview: SPM5030VT-R22M-D
The **SPM5030VT-R22M-D** is a high-performance, surface-mount power inductor manufactured by **TDK Corporation**. It belongs to the SPM series, which is specifically designed for high-current power circuits using metal magnetic materials.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Inductance** | 0.22 µH |
| **Tolerance** | ±20% |
| **DC Resistance (Max)** | 2.53 mΩ |
| **Rated Current (Isat)** | 21.0 A (Based on Inductance change) |
| **Rated Current (Itemp)** | 18.0 A (Based on Temp rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 5.3mm x 5.0mm x 3.0mm |
---
### 2. Core Features & Construction
* **Metal Composite Technology:** Unlike traditional ferrite inductors, this part uses a metal magnetic material. This allows for a **soft saturation characteristic**, meaning the inductance drops gradually rather than abruptly as current increases.
* **Molded Structure:** The coil is integrated into the magnetic body through a pressure-molding process. This design minimizes acoustic noise (buzzing) and provides high resistance to mechanical shock and vibration.
* **Low RDC:** The very low DC resistance (2.53 mΩ) ensures high efficiency and minimal heat generation during high-current operation.
* **Magnetic Shielding:** The molded construction naturally acts as a magnetic shield, reducing Electromagnetic Interference (EMI) with surrounding components.
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature used by TDK:
| Code | Meaning |
|:---|:---|
| **SPM** | Series Name (Metal Core Power Inductor) |
| **5030** | Dimensions (5.0mm length x 3.0mm height) |
| **VT** | Characteristic type (Optimized for vehicle/heavy load) |
| **R22** | Inductance Value (R22 = 0.22 µH) |
| **M** | Inductance Tolerance (M = ±20%) |
| **D** | Internal management code / Packaging |
---
### 4. Typical Applications
Because of its high current handling and small footprint, this component is commonly found in:
* **DC-DC Converters:** For CPU/GPU power supply in laptops and tablets.
* **Automotive Electronics:** Used in ADAS, Infotainment, and Body Control Modules (BCM).
* **Smartphones/Portable Devices:** High-density power modules where space is limited.
---
- ⤷
What is the difference between Isat and Itemp for this inductor?
- ⤷ How does the metal composite core compare to a standard ferrite core in terms of performance?
- ⤷ Are there specific soldering guidelines for the SPM5030 series to avoid thermal stress?