SPM5030VT-R68M-D
AI

The **SPM5030VT-R68M-D** is a high-performance, metal composite surface-mount (SMD) power inductor manufactured by **TDK**. It is specifically designed for automotive applications, characterized by its high reliability and ability to handle high currents in a compact form factor.
---
### 1. Technical Specifications
The part number encodes specific characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% (M) |
| **DC Resistance (DCR)** | 6.8 mΩ (Typical) |
| **Rated Current (Isat)** | ~14.3 A (Saturation Current) |
| **Rated Current (Itemp)** | ~11.8 A (Temperature Rise Current) |
| **Operating Temperature** | -55°C to +155°C |
| **Dimensions (L x W x H)** | 5.3 mm x 5.0 mm x 3.0 mm |
---
### 2. Key Internal Features
#### A. Metal Composite Core
Unlike traditional ferrite inductors, the SPM series uses a **metallic magnetic material**.
* **Soft Saturation:** The core does not saturate abruptly. This means that even if the current exceeds the rated limit, the inductance drops gradually rather than crashing, preventing circuit failure.
* **Low Core Loss:** Optimized for high-frequency switching.
#### B. Integrated Molded Construction
The coil is embedded directly into the metal powder and then molded.
* **Acoustic Noise Reduction:** Because the coil is physically held in place by the molded resin/metal composite, it significantly reduces the "buzzing" or "humming" caused by magnetostriction.
* **Shielded Design:** The structure is magnetically shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components.
#### C. Automotive Grade (VT Series)
The "VT" designation indicates it is qualified under **AEC-Q200** standards.
* It can withstand extreme heat (up to 155°C).
* It is built to handle the high-vibration environments typical of engine compartments or ADAS modules.
---
### 3. Application Use Cases
This specific part (0.68 µH) is typically used as an output filter inductor in DC-DC converters for:
1. **ADAS (Advanced Driver Assistance Systems):** Powering cameras and radar sensors.
2. **Infotainment:** Powering CPUs and GPUs in car head units.
3. **LED Lighting:** Driving high-current LED automotive headlights.
---
### 4. Schematic Representation
In a circuit diagram, it is represented as a standard inductor, usually placed after the switching MOSFETs in a Buck converter.
```markdown
SW Node (from IC)
|
+---+
| L | SPM5030VT-R68M-D
+---+
|
+------> Vout (Clean DC)
|
[Cout]
|
GND
```
- ⤷
What is the difference between Isat and Itemp in this inductor's datasheet?
- ⤷ How does the metal composite core compare to a standard ferrite core in terms of size?
- ⤷ Can this inductor be used in high-frequency switching regulators above 2MHz?