AI

The **SRCOOLNET2LX** is an SNMP/Network Management Card specifically designed for Tripp Lite’s SRCOOL12K and SRCOOL7KRM portable cooling units. It functions as the "brain" that connects the cooling hardware to a digital network.
---
### 1. Key Electronic Components & Interfaces
The SRCOOLNET2LX consists of several critical electronic parts that enable remote monitoring and control:
| Component | Function |
| :--- | :--- |
| **Microprocessor** | The central logic unit that processes temperature data and executes SNMP protocols. |
| **RJ45 Ethernet Port** | Provides the physical connection to the LAN (10/100 Mbps) for network communication. |
| **Mini-USB Port** | Used for local configuration, firmware updates, and initial IP setup. |
| **E2 Environmental Port** | A specialized interface for connecting external sensors (e.g., E2MTU) to monitor temperature and humidity. |
| **Status LEDs** | Indicators for Link, Activity, and Status (Health/Power). |
---
### 2. Functional Architecture
The electronics are designed to bridge the gap between physical cooling and digital management systems.
* **Logic Integration:** It interfaces directly with the cooling unit's internal control board to command the compressor and fan speed.
* **Power Supply:** It draws low-voltage DC power directly from the expansion slot of the cooling unit; no external power brick is required.
* **Sensor Logic:** The E2 port uses a serial communication protocol to daisy-chain environmental sensors, allowing the card to act as a hub for climate data.
---
### 3. Technical Specifications
Below are the electronic and environmental specs for the card:
| Feature | Specification |
| :--- | :--- |
| **Protocol Support** | HTTP, HTTPS, SSH, SNMPv1, SNMPv2c, SNMPv3, SMTP |
| **Network Speed** | 10/100 Mbps Auto-sensing |
| **Configuration** | Web Browser, Telnet, CLI |
| **Form Factor** | Internal Plug-in Card |
---
### 4. Code / API Interaction
The card supports programmatic control. For example, retrieving status via SNMP might look like this conceptually:
```bash
# Example SNMP Get request for temperature (Conceptual)
snmpget -v 3 -u user -l authPriv -a SHA -A password123 [IP_ADDRESS] TRIPP-LITE-COOLING-MIB::tempStatus.0
```
---
- ⤷
How do I reset the SRCOOLNET2LX to factory defaults?
- ⤷ What external sensors are compatible with the E2 port?
- ⤷ Does this card support automatic shutdown of servers based on temperature thresholds?