AI

The **SRCOOLNETLX** is a web management accessory (a plug-in SNMP card) designed for Tripp Lite’s portable cooling units (like the SRCOOL12K). It allows users to monitor and control cooling systems over a network.
Below is an explanation of its electronic components and hardware features.
### 1. Core Hardware Components
The device is a compact circuit board housed in a modular casing that slides into the accessory slot of a cooling unit.
| Component | Function |
| :--- | :--- |
| **Microprocessor** | The "brain" that processes SNMP protocols and manages the web interface. |
| **Ethernet Controller** | Manages 10/100 Mbps network communication via the RJ45 port. |
| **Flash Memory** | Stores the firmware, configuration settings, and event logs. |
| **UART Interface** | The internal connection pins that communicate with the cooling unit's main control board. |
---
### 2. External Interface Ports
The electronic interface of the SRCOOLNETLX includes specific ports for connectivity and environmental sensing:
* **RJ45 Ethernet Port:** Connects the card to the Local Area Network (LAN).
* **Micro-USB Port:** Used for initial configuration, firmware updates, and local console access.
* **Sensor Port:** Typically an RJ11/RJ12 style port designed to connect an **E2MTHDI** (Envirosense2) module. This allows the card to read external temperature and humidity levels.
---
### 3. Functional Electronic Capabilities
The electronics are designed to bridge the gap between "dumb" cooling hardware and "smart" network management:
1. **Remote Control Logic:** The card sends digital signals to the AC unit to cycle the compressor, adjust fan speeds, and change set points (target temperature).
2. **Power Management:** It draws its low-voltage DC power directly from the cooling unit's internal power supply through the expansion slot.
3. **Alerting System:** It features an internal real-time clock and logic to trigger SNMP traps or email notifications if hardware thresholds (e.g., high temperature or compressor failure) are met.
---
### 4. Technical Specifications Summary
| Feature | Specification |
| :--- | :--- |
| **Network Protocol** | IPv4, IPv6, HTTP, HTTPS, SMTP, SNMPv1/v2c/v3, Telnet, SSH, FTP |
| **Data Link Protocol** | Ethernet, Fast Ethernet |
| **Form Factor** | Internal Plug-in Card |
| **Compatibility** | SRCOOL12K, SRXCOOL12K, SRCOOL7KRM |
---
- ⤷How do I reset the SRCOOLNETLX to factory defaults?
- ⤷ What external sensors are compatible with the SRCOOLNETLX?
- ⤷ How does the SRCOOLNETLX integrate with PowerAlert Device Manager software?