SRL6014CSS2
AI

The **SRL6014CSS2** is a specialized electronic component, specifically a **Surface Mount Silicon Rectifier Diode**. These components are designed to convert Alternating Current (AC) to Direct Current (DC) while maintaining high efficiency in power management circuits.
---
### 1. Key Technical Specifications
The performance of the SRL6014CSS2 is defined by its electrical thresholds and thermal tolerances.
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Maximum Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 1400V |
| **Maximum Average Forward Rectified Current** | $I_{O}$ | 6.0A |
| **Peak Forward Surge Current** (8.3ms) | $I_{FSM}$ | 150A - 200A |
| **Maximum Forward Voltage Drop** (@ 6.0A) | $V_{F}$ | ~1.1V |
| **Operating Junction Temperature** | $T_{J}$ | -55°C to +150°C |
---
### 2. Functional Characteristics
The "SRL" series often denotes a specific focus on low leakage and high reliability. Below are the primary electronic characteristics:
* **Rectification:** It allows current to flow in only one direction (Anode to Cathode), effectively blocking reverse voltage up to its 1400V rating.
* **Thermal Dissipation:** Being a 6-Ampere diode, it generates significant heat during operation. It is typically housed in a power-surface mount package (like **SMC** or **TO-277**) to allow heat transfer to the PCB copper planes.
* **Reverse Leakage:** These diodes are engineered for low reverse leakage current ($I_R$), which prevents power loss and circuit noise when the diode is in a non-conducting state.
---
### 3. Common Applications
Due to its high voltage rating (1400V) and moderate current capacity (6A), the SRL6014CSS2 is commonly found in:
1. **Switching Power Supplies (SMPS):** Used in the input bridge rectification stage or as a snubber diode.
2. **LED Drivers:** Protecting circuits from voltage spikes and converting AC mains to DC.
3. **Industrial Controls:** Providing polarity protection for DC motors and inductive load switching.
4. **Inverters:** Handling high-voltage DC rails in solar or UPS systems.
---
### 4. Schematic Representation
In a circuit diagram, the part is represented as a standard diode:
```text
Anode (A) Cathode (K)
[+] ----|>|---- [-]
(Direction of Current)
```
- ⤷
What are the equivalent alternative part numbers for the SRL6014CSS2?
- ⤷ How does the thermal management of the TO-277 package differ from the SMC package?
- ⤷ What is the specific recovery time (Trr) for this diode in high-speed switching?