Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SRL9022CSS2

  • AI
    The **SRL9022CSS2** is a high-performance, single-output step-down (buck) DC-DC converter module designed for industrial and telecommunications applications. It is characterized by its high efficiency, compact footprint, and robust protection features. --- ### 1. Key Technical Specifications Below is a summary of the core electronic parameters for the SRL9022CSS2: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 18V DC | | **Output Voltage** | 2.2V DC (Fixed) | | **Max Output Current** | 20A to 30A (Series dependent) | | **Efficiency** | Up to 92% | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Style** | Open-frame compact module | --- ### 2. Core Electronic Components & Features The module integrates several sophisticated electronic sub-systems into a single package: #### A. Power Stage (MOSFETs) The module utilizes low-resistance **N-Channel MOSFETs** in a synchronous rectification topology. This reduces heat generation and eliminates the need for a traditional Schottky diode, significantly boosting efficiency. #### B. PWM Controller The internal **Pulse Width Modulation (PWM)** controller manages the switching frequency. It adjusts the duty cycle in real-time to maintain a stable 2.2V output despite fluctuations in input voltage or load demand. #### C. Filtering Network * **Inductors:** A high-Q power inductor is used for energy storage and current smoothing. * **Capacitors:** Low-ESR ceramic or polymer capacitors are integrated to minimize output ripple and noise. --- ### 3. Protection Circuitry The SRL9022CSS2 includes built-in safety mechanisms to prevent damage to the module or the connected load: 1. **Over-Current Protection (OCP):** Automatically limits current if the load exceeds rated capacity. 2. **Over-Temperature Protection (OTP):** Shuts down the module if the internal temperature reaches unsafe levels. 3. **Under-Voltage Lockout (UVLO):** Prevents the module from operating if the input voltage is too low to ensure stable output. 4. **Remote On/Off:** A control pin that allows the system to enable or disable the converter via logic signals. --- ### 4. Typical Application Circuit The following block representation shows how the module is integrated into a PCB design: ```mermaid graph LR Vin[Input 12V] --> Cin(Input Capacitor) Cin --> Module[SRL9022CSS2] Ctrl[Enable Signal] --> Module Module --> Cout(Output Capacitor) Cout --> Vout[Output 2.2V] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the SRL9022CSS2 at max load?
    • ⤷ Can the output voltage be adjusted using external resistors?
    • ⤷ What is the typical ripple voltage for this specific module?