Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SRM30L45DC-R

  • AI
    ### SRM30L45DC-R: Technical Overview The **SRM30L45DC-R** is a high-performance power semiconductor component, specifically a **Schottky Barrier Diode** commonly used in rectification and power management circuits. Below is a detailed breakdown of its electronic characteristics. --- ### 1. Key Technical Specifications These parameters define the operational limits and performance of the device: | Parameter | Value | Description | | :--- | :--- | :--- | | **Maximum Peak Reverse Voltage ($V_{RRM}$)** | 45V | The maximum voltage it can withstand in the reverse direction. | | **Average Forward Current ($I_{F(AV)}$)** | 30A | The continuous current it can handle in the forward direction. | | **Forward Voltage Drop ($V_F$)** | ~0.55V - 0.65V | The low voltage loss across the diode when conducting. | | **Operating Temperature ($T_j$)** | -55°C to +150°C | The range of junction temperatures for safe operation. | | **Package Type** | TO-263 (D2PAK) | A surface-mount package designed for high heat dissipation. | --- ### 2. Physical Structure and Technology The "L" in the part number often signifies **Low Forward Voltage**, while "45" indicates the **45V** rating. * **Schottky Barrier Construction:** Unlike standard PN junction diodes, this uses a metal-semiconductor junction. This allows for: * **Fast Switching:** Minimal reverse recovery time ($t_{rr}$), making it ideal for high-frequency applications. * **Efficiency:** Lower power loss due to the low $V_F$, reducing heat generation. * **Dual Diode Configuration:** Depending on the specific suffix, these parts are often "Common Cathode" arrangements, containing two diode chips in one package to balance load in power supplies. --- ### 3. Application Areas The SRM30L45DC-R is typically found in the following electronic systems: 1. **Switching Mode Power Supplies (SMPS):** Used for output rectification to convert AC/high-frequency pulses to DC. 2. **Solar Panels:** Functions as a **Bypass Diode** to prevent reverse current flow and protect cells from shading damage. 3. **DC-DC Converters:** Acts as a freewheeling diode to maintain current flow during transistor switching cycles. 4. **Battery Charging:** Prevents battery discharge back into the source when the charger is powered off. --- ### 4. Thermal Management Because this part handles up to **30A**, heat management is critical. * **Heat Sinking:** The back tab of the TO-263 package is the Cathode and must be soldered to a large copper plane on the PCB to dissipate heat. * **Thermal Runaway:** Users must ensure the junction temperature does not exceed 150°C, as Schottky diodes exhibit increased reverse leakage current at high temperatures, which can lead to component failure. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using a Schottky diode over a standard silicon diode in SMPS?
    • ⤷ How do I calculate the heat sink requirements for a 30A load on this device?
    • ⤷ Is there a Pin-to-Pin compatible alternative with a higher voltage rating?