SRN2012-R24M
AI

The **SRN2012-R24M** is a high-performance, semi-shielded power inductor manufactured by Bourns. It is part of the SRN2012 series, designed for compact electronic devices requiring efficient power conversion.
---
### 1. Technical Specifications
Below are the key electrical characteristics of the SRN2012-R24M:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.24 µH |
| **Tolerance** | ±20% |
| **Case Size (Metric)** | 2012 (2.0 mm x 1.2 mm) |
| **Case Height** | 1.0 mm (Low Profile) |
| **DC Resistance (DCR)** | 0.021 Ohms (Max) |
| **Saturation Current (Isat)** | 4.5 A |
| **Heating Current (Irms)** | 3.5 A |
| **Operating Temperature** | -40 °C to +125 °C |
---
### 2. Key Features
* **Semi-Shielded Construction:** It uses a magnetic epoxy coating. This offers a balance between the low cost of unshielded inductors and the low EMI (Electromagnetic Interference) of fully shielded inductors.
* **High Current Density:** Despite its small footprint (2.0 x 1.2 mm), it can handle a saturation current of up to 4.5 Amps, making it ideal for high-efficiency power stages.
* **Low Profile:** With a maximum height of 1.0 mm, it is suitable for ultra-thin consumer electronics like smartphones and tablets.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variations:
| Component Code | Meaning |
| :--- | :--- |
| **SRN** | Semi-shielded Inductor Series |
| **2012** | Dimensions (2.0 mm length x 1.2 mm width) |
| **R24** | Inductance value (R24 = 0.24 µH) |
| **M** | Tolerance (M = ±20%) |
---
### 4. Common Applications
This component is typically found in the following circuits:
1. **DC/DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) regulators.
2. **Power Management Integrated Circuits (PMICs):** Providing stable current to CPUs or GPUs in mobile devices.
3. **Wearable Tech:** Small form factor allows for use in smartwatches and IoT sensors.
- ⤷
What is the difference between semi-shielded and fully shielded inductors?
- ⤷ How does saturation current (Isat) affect circuit performance?
- ⤷ Can you recommend an equivalent part from a different manufacturer?