SRN2012-R47M
AI

### Technical Overview of SRN2012-R47M
The **SRN2012-R47M** is a semi-shielded power inductor manufactured by Bourns. It is designed primarily for DC/DC converter applications where space is limited and high efficiency is required.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% |
| **Case Size (Metric)** | 2012 (2.0 mm x 1.2 mm) |
| **Height (Max)** | 1.2 mm |
| **Rated Current (Irms)** | 2.5 Amperes |
| **Saturation Current (Isat)** | 3.5 Amperes |
| **DC Resistance (DCR Max)** | 36 mΩ |
| **Operating Temperature** | -40 °C to +125 °C |
---
### 2. Breakdown of the Part Number
The nomenclature used by Bourns provides specific details about the component's physical and electrical properties:
* **SRN**: Series name (Semi-shielded Power Inductor).
* **2012**: Physical dimensions in millimeters (2.0mm length x 1.2mm width).
* **R47**: The inductance value. "R" acts as a decimal point, so R47 = **0.47 µH**.
* **M**: The tolerance code. "M" represents **±20%**.
---
### 3. Structural Composition
This component utilizes a **semi-shielded** construction, which offers a middle ground between unshielded and fully shielded inductors:
* **Core Material:** Typically a ferrite core.
* **Shielding:** Uses a magnetic epoxy resin coating. This reduces magnetic field radiation (EMI) compared to non-shielded types but is more cost-effective and compact than a full metal-can shield.
* **Terminations:** Tin-plated copper (lead-free/RoHS compliant).
---
### 4. Common Applications
Due to its high saturation current and small footprint, it is commonly found in:
1. **Smartphones and Tablets:** Low-profile power management modules.
2. **DC/DC Converters:** High-frequency switching regulators.
3. **Wearable Electronics:** Devices requiring high power density in a tiny form factor.
4. **SSD Storage:** Filtering and power regulation for high-speed data drives.
---
### 5. Performance Considerations
* **Self-Resonant Frequency (SRF):** At 0.47 µH, this inductor has a high SRF, making it suitable for high-frequency switching power supplies (often above 1 MHz).
* **Saturation (Isat):** The 3.5A saturation current is the point where the inductance drops by 30%. Designers must ensure peak circuit currents do not exceed this to avoid loss of regulation.
- ⤷
What is the difference between SRN2012-R47M and a fully shielded inductor of the same value?
- ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 qualification?
- ⤷ How does the temperature rise affect the current rating (Irms) of this part?