SRP0610-R68K
AI

### Technical Overview of SRP0610-R68K
The **SRP0610-R68K** is a high-current, shielded power inductor manufactured by **Bourns**. It belongs to the SRP series, which is specifically designed for applications requiring high power density and electromagnetic interference (EMI) shielding.
---
### 1. Key Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.68 µH | Nominal inductance at 100 kHz |
| **Tolerance** | ±10% | Indicated by the 'K' suffix |
| **Irms (Heating Current)** | ~12.0 A | Current that causes a 40°C temp rise |
| **Isat (Saturation Current)**| ~14.0 A | Current where inductance drops by 20-30% |
| **DCR (DC Resistance)** | 6.8 mΩ (Max) | Internal resistance of the coil |
| **Operating Temp** | -45°C to +125°C | Range including self-heating |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps in identifying its physical and electrical characteristics:
* **SRP**: Series name (High Current Shielded Power Inductors).
* **0610**: Dimensions. Approximately **6.6 mm x 7.3 mm** (Footprint) and **1.0 mm** (Height).
* **R68**: Inductance value. "R" acts as a decimal point, signifying **0.68 µH**.
* **K**: Tolerance code. **K** stands for ±10%.
---
### 3. Physical Construction & Features
* **Shielded Construction:** The inductor is molded with a magnetic metal powder core. This provides excellent magnetic shielding to minimize EMI and reduces buzz noise.
* **Low Profile:** With a height of only 1.0 mm, it is ideal for ultra-thin electronics like tablets and flat-panel displays.
* **High Saturation Current:** The metal powder core allows the component to handle high peak currents without the inductance "crashing" (dropping off suddenly).
---
### 4. Common Applications
Due to its high efficiency and small footprint, the SRP0610-R68K is typically used in:
1. **DC/DC Converters:** Used in voltage regulator modules (VRMs) for CPUs and GPUs.
2. **Portable Electronics:** Smartphones, tablets, and laptops where space is at a premium.
3. **Power Supplies:** Distributed power systems and battery-powered devices.
---
- ⤷
What are the alternative inductors with higher current ratings in the SRP series?
- ⤷ How does the 'M' tolerance differ from the 'K' tolerance in these parts?
- ⤷ Can this inductor be used in automotive AEC-Q200 applications?