SRP0610F-R68M
AI

## Electronic Specifications for SRP0610F-R68M
The **SRP0610F-R68M** is a high-current, shielded power inductor manufactured by Bourns. It is part of the SRP0610F series, designed for high-density power applications such as DC/DC converters and power supplies in consumer electronics.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the component:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.68 µH | Rated at 100 kHz / 0.1 V |
| **Tolerance** | ±20% | Standard manufacturing variance (M) |
| **DC Resistance (DCR)** | 8.8 mΩ (Max) | Resistance of the internal coil |
| **Irms (Heating Current)** | 11.5 A | Current causing a 40°C temperature rise |
| **Isat (Saturation Current)** | 17.0 A | Current causing a 30% drop in inductance |
| **Operating Temperature** | -40 to +125 °C | Range including self-heating |
---
### 2. Physical Characteristics
The component uses a metal alloy powder core, which provides excellent saturation characteristics compared to traditional ferrite cores.
* **Shielding:** Shielded construction for low magnetic radiation (reduced EMI).
* **Form Factor:** Surface Mount Device (SMD).
* **Dimensions:**
* **Length:** 7.0 mm (±0.3)
* **Width:** 6.6 mm (±0.2)
* **Height:** 1.0 mm (Max) - This is an ultra-low profile part.
---
### 3. Decoding the Part Number
The part number follows a specific nomenclature used by Bourns:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **SRP** | Series Name | High Current Shielded Power Inductor |
| **0610F** | Size Code | ~6.0mm x 1.0mm (Footprint and Height) |
| **R68** | Inductance Value | R68 = 0.68 µH |
| **M** | Tolerance | M = ±20% |
---
### 4. Applications
Due to its low profile and high current capacity, it is commonly found in:
* **Smartphone & Tablets:** Power management modules.
* **DC/DC Converters:** High-frequency buck/boost converters.
* **Computers:** CPU/GPU voltage regulation (VRMs).
* **Embedded Systems:** Where vertical PCB space is limited.
- ⤷
What is the significance of the 'F' suffix in the SRP0610F series compared to the standard SRP series?
- ⤷ How does the saturation current (Isat) of this metal alloy inductor compare to a ferrite core inductor of the same size?
- ⤷ What are the recommended reflow soldering profiles for this specific SMD package?