SRP0612-R68K
AI

The **SRP0612-R68K** is a high-current, shielded power inductor manufactured by Bourns. It is part of the SRP0612 series, designed for modern power supply applications requiring high efficiency and compact footprints.
---
### ## 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **SRP** | Series Name | High current, shielded power inductor series |
| **0612** | Dimensions | Approx. 6.6 mm x 7.3 mm footprint; 1.2 mm height |
| **R68** | Inductance Value | 0.68 $\mu$H |
| **K** | Tolerance | $\pm$10% |
---
### ## 2. Technical Specifications
The SRP0612-R68K is engineered for low DC resistance (DCR) and high saturation currents.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.68 $\mu$H |
| **Tolerance** | $\pm$10% |
| **Irms (Heating Current)** | 9.0 A (Current causing 40°C temp rise) |
| **Isat (Saturation Current)** | 15.0 A (Current causing 20% drop in L) |
| **DCR (Max)** | 13.0 m$\Omega$ |
| **Operating Temperature** | -40°C to +125°C |
| **Construction** | Metal alloy powder core (Shielded) |
---
### ## 3. Key Electronic Features
* **Shielded Construction:** The inductor uses a metal powder core technology that provides magnetic shielding, significantly reducing EMI (Electromagnetic Interference) and preventing interference with nearby components.
* **Low Profile:** With a maximum height of **1.2 mm**, it is ideal for ultra-thin electronics like tablets and laptops.
* **High Saturation:** Unlike ferrite inductors that drop inductance sharply, the iron powder core has a "soft" saturation characteristic, meaning it handles current spikes more gracefully.
* **Halogen-Free:** Complies with modern environmental safety standards (RoHS).
---
### ## 4. Common Applications
Due to its high current handling and small size, this part is typically found in:
1. **DC/DC Converters:** Used as the energy storage element in buck or boost regulators.
2. **Laptops/Tablets:** Powering CPUs and GPUs where vertical space is limited.
3. **Distributed Power Systems:** POL (Point of Load) converters.
4. **LED Drivers:** Providing stable current for high-intensity lighting.
---
- ⤷
What are the main differences between the SRP and SRN inductor series from Bourns?
- ⤷ How does the 'soft saturation' of a metal powder core compare to a ferrite core?
- ⤷ Are there recommended PCB pad layouts for the 0612 package size?