SRP1206-R80Y
AI

The **SRP1206-R80Y** is a high-current, shielded power inductor manufactured by **Bourns**. It is designed for high-density power applications where reliability and low electromagnetic interference (EMI) are critical.
### 1. Key Technical Specifications
The model number "SRP1206-R80Y" encodes its primary characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.80 µH | Measured at 100 kHz / 1 V |
| **Tolerance** | ±20% | Indicated by the "Y" suffix |
| **Irms (Heating Current)** | 31.0 Amps | Current causing a 40°C temperature rise |
| **Isat (Saturation Current)** | 45.0 Amps | Current causing a 20% drop in inductance |
| **DCR (DC Resistance)** | 1.9 mΩ (Max) | Very low resistance to minimize power loss |
| **Operating Temp** | -40°C to +150°C | Includes self-heating temperature |
---
### 2. Component Construction & Features
* **Shielded Construction:** The inductor uses a carbonyl iron powder core. This design results in low magnetic radiation (low EMI) and high saturation current capabilities.
* **Flat Wire Technology:** Unlike standard round-wire inductors, the SRP1206 series often utilizes flat wire to maximize the copper fill factor, which significantly reduces the DC resistance (DCR).
* **AEC-Q200 Compliance:** Most parts in this series are automotive-grade, meaning they are tested for high vibration, thermal shock, and mechanical stress.
---
### 3. Physical Dimensions (1206 Series)
The "1206" in the part number refers to the physical size (metric-ish approximation for this specific Bourns series, not to be confused with 1206 SMD resistor sizes):
| Dimension | Measurement (mm) |
| :--- | :--- |
| **Length (L)** | 13.5 ± 0.5 mm |
| **Width (W)** | 12.5 ± 0.3 mm |
| **Height (H)** | 6.0 ± 0.3 mm |
---
### 4. Typical Applications
Because of its high current handling and low profile, the SRP1206-R80Y is commonly found in:
1. **DC/DC Converters:** Used as the main energy storage element in buck or boost regulators.
2. **GPU/CPU Power Supplies:** Providing stable current to high-performance processors.
3. **Automotive Electronics:** Infotainment, driver assistance systems (ADAS), and lighting.
4. **Servers/Networking:** High-density power modules where thermal management is a priority.
---
### 5. Identification Code Breakdown
```text
SRP 1206 - R80 Y
| | | |
| | | +-- Tolerance (Y = ±20%)
| | +----- Inductance Value (R80 = 0.80 µH)
| +----------- Model Size (approx. 12 x 6 mm)
+---------------- Series Name (Shielded Power Inductor)
```
---
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ What are the recommended PCB footprint dimensions for the SRP1206 series?
- ⤷ Can this inductor be used in high-frequency switching applications above 2 MHz?