SRP1235-R15M
AI

The **SRP1235-R15M** is a high-current, shielded power inductor manufactured by Bourns. It is designed for applications requiring high reliability and efficiency, such as DC/DC converters in laptops, servers, and automotive electronics.
### 1. Key Technical Specifications
The part number follows a specific naming convention that defines its physical and electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.15 µH |
| **Tolerance** | ±20% |
| **Inductance Code** | R15 (0.15) |
| **Indication Current (Irms)** | 43 Amperes |
| **Saturation Current (Isat)** | 56 Amperes |
| **DC Resistance (DCR)** | 0.6 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions (L x W x H)** | 13.5 x 12.5 x 3.5 mm |
---
### 2. Physical Construction and Features
The SRP1235 series is built using advanced materials to handle high power densities:
* **Carbonyl Powder Core:** The inductor uses a metal alloy powder core. This provides a "soft" saturation characteristic, meaning the inductance drops gradually rather than abruptly when current exceeds the rated limit.
* **Magnetic Shielding:** The molded construction provides excellent magnetic shielding, which minimizes electromagnetic interference (EMI) with neighboring components.
* **Low DCR:** With a maximum resistance of only 0.6 milliohms, this part minimizes power loss due to heat, significantly increasing the efficiency of power supplies.
* **Flat Wire / Lead Frame:** The internal structure uses thick conductors to handle the 40A+ current levels without melting or excessive voltage drop.
---
### 3. Part Number Breakdown: SRP1235-R15M
To understand the specific variant, the code is decoded as follows:
| Code | Meaning |
| :--- | :--- |
| **SRP** | Series Name (High Current Shielded Inductor) |
| **1235** | Footprint and Height (12mm wide, 3.5mm high) |
| **R15** | Value: 0.15 Microhenries (R acts as a decimal point) |
| **M** | Tolerance: ±20% |
---
### 4. Typical Applications
* **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery.
* **DC/DC Converters:** Point-of-load (POL) power supplies.
* **Battery Powered Devices:** High-efficiency power management for portable tech.
* **Automotive:** Infotainment systems and lighting (Note: ensure AEC-Q200 compliance if used in automotive powertrains).
- ⤷
What are the equivalent alternative parts for the SRP1235-R15M from other manufacturers?
- ⤷ How does 'soft saturation' in this inductor differ from ferrite core inductors?
- ⤷ What is the impact of the 0.6mΩ DCR on overall circuit efficiency?