SRP1235-R82M
AI

## SRP1235-R82M: Component Overview
The **SRP1235-R82M** is a high-current, shielded power inductor manufactured by **Bourns**. It belongs to the SRP1235 series, which is designed for applications requiring high reliability and high power density.
---
### Technical Specifications
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.82 µH | Rated at 100 kHz / 1 V |
| **Tolerance** | ±20% | Standard for power inductors |
| **Irms (Heating Current)** | 33 A | Current causing a 40°C temp rise |
| **Isat (Saturation Current)** | 42 A | Current causing a 20% drop in inductance |
| **DCR (DC Resistance)** | 2.3 mΩ (Max) | Very low resistance for high efficiency |
| **Operating Temp** | -40 to +150 °C | Automotive grade capability |
| **Shielding** | Shielded | Carbonyl powder core for low EMI |
---
### Key Features and Construction
1. **Material Technology:** It uses a **carbonyl powder core**. This construction allows for a high saturation current and provides a "soft" saturation characteristic, meaning the inductance doesn't drop off abruptly when current increases.
2. **Shielding:** The molded construction provides magnetic shielding, which minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB.
3. **Flat Wire Design:** Many inductors in this series use flat wire technology to reduce DC resistance (DCR), which minimizes heat generation during high-current operation.
4. **AEC-Q200 Compliant:** This part is typically qualified for automotive use, ensuring high durability against thermal shock, moisture, and vibration.
---
### Common Applications
* **DC/DC Converters:** Used as the main energy storage element in buck or boost regulators.
* **Power Supplies:** Ideal for distributed power systems and workstations.
* **Automotive Electronics:** Driver assistance systems, infotainment, and lighting.
* **Industrial Equipment:** High-current POL (Point of Load) converters.
---
### Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **SRP** | Series Name (High Current Power Inductor) |
| **1235** | Dimensions (Approx. 13.5mm x 12.5mm x 3.5mm) |
| **R82** | Inductance Value (R82 = 0.82 µH) |
| **M** | Tolerance (M = ±20%) |
- ⤷
What are the PCB footprint requirements for the SRP1235 series?
- ⤷ How does 'soft saturation' in carbonyl cores compare to ferrite cores?
- ⤷ What are the alternative part numbers with similar specs from other manufacturers?