SRP2313CC-R68M
AI

The **SRP2313CC-R68M** is a high-current, shielded power inductor manufactured by **Bourns**. It is designed specifically for high-density power applications where reliability and low magnetic radiation are critical.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's key specifications:
| Segment | Value | Description |
| :--- | :--- | :--- |
| **SRP** | Series | High Current Shielded Power Inductor |
| **2313** | Size Code | Dimensions (approx. 23.5 x 22.0 x 12.6 mm) |
| **CC** | Material | Carbonyl Powder Core (High Saturation) |
| **R68** | Inductance | 0.68 µH (Microhenries) |
| **M** | Tolerance | ±20% |
---
### 2. Key Technical Specifications
The SRP2313CC-R68M is characterized by its ability to handle extremely high currents with minimal loss.
* **Inductance:** 0.68 µH
* **DC Resistance (DCR):** Extremely low (typically ~0.65 mΩ), minimizing heat generation.
* **Heating Current (Irms):** The current that causes a 40°C temperature rise (typically >50A).
* **Saturation Current (Isat):** The current at which inductance drops by 30% (typically >80A).
* **Operating Temperature:** -55 °C to +150 °C.
* **Construction:** Metal alloy powder core with a molded shield.
---
### 3. Electronic Features & Advantages
#### Shielded Construction
The inductor uses a "molded" construction where the coil is embedded in a magnetic metal powder. This provides **magnetic shielding**, which drastically reduces Electromagnetic Interference (EMI) compared to non-shielded drum cores.
#### High Saturation Characteristics
Because it uses a carbonyl iron powder core, the saturation curve is "soft." Unlike ferrite cores that lose inductance abruptly when current limits are reached, this part maintains functional inductance even during high-current transients.
#### Low DCR (DC Resistance)
The use of flat-wire or heavy-gauge copper winding ensures that the resistance is kept to a sub-milliohm level, which is essential for high-efficiency DC-DC converters (VRMs).
---
### 4. Common Applications
This component is typically found in high-power industrial and consumer electronics:
* **GPU/CPU Power Supplies:** Voltage Regulator Modules (VRMs) for high-end computing.
* **DC/DC Converters:** High-current buck converters in servers.
* **Automotive Systems:** Driver assistance systems and infotainment power rails.
* **Industrial Power:** High-current motor drives and LED lighting drivers.
- ⤷
What are the physical dimensions and PCB footprint requirements for the SRP2313CC series?
- ⤷ How does the 'CC' material differ from standard 'A' or 'F' series inductors in terms of thermal performance?
- ⤷ What is the peak reflow temperature for soldering this component?