SRP4012-R47M
AI

## Technical Overview of SRP4012-R47M
The **SRP4012-R47M** is a high-current, shielded power inductor manufactured by **Bourns**. It belongs to the SRP series, which is designed for applications requiring high saturation current and low electromagnetic interference (EMI).
---
### 1. Key Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.47 µH | The nominal inductance value. |
| **Tolerance** | ±20% | Indicated by the "M" suffix. |
| **Irms (Heating Current)** | 7.0 A | Current causing a 40°C temperature rise. |
| **Isat (Saturation Current)** | 12.0 A | Current causing a 30% drop in inductance. |
| **DCR (DC Resistance)** | 14 mΩ (Typ) | Internal resistance of the coil. |
| **Operating Temp** | -45°C to +125°C | Standard industrial/automotive range. |
| **Dimensions** | 4.4 x 4.0 x 1.0 mm | Compact SMD (Surface Mount Device) profile. |
---
### 2. Component Composition and Design
1. **Core Material:** It typically uses a **metal alloy powder core**. Unlike traditional ferrite cores, metal powder provides "soft saturation" characteristics, meaning the inductance drops gradually rather than abruptly when current increases.
2. **Shielding:** The inductor is **magnetically shielded**. The construction involves molding the wire inside the core material, which minimizes stray magnetic fields and reduces EMI.
3. **Flat Wire Technology:** Many models in this series use flat wire instead of round wire to maximize the cross-sectional area, which lowers the DC Resistance (DCR) and improves efficiency.
---
### 3. Application Use Cases
The SRP4012-R47M is primarily used in power management circuits where space is limited but power requirements are high:
* **DC/DC Converters:** Used as the energy storage element in buck or boost regulators.
* **Consumer Electronics:** Smartphones, tablets, and laptops.
* **Power Supplies:** Low-profile VRM (Voltage Regulator Module) applications.
* **Industrial:** Portable instrumentation and IoT devices.
---
### 4. Part Number Breakdown
The part number can be decoded as follows:
* **SRP:** Series Name (Shielded Power Inductor).
* **4012:** Dimensions (Approx. 4.0mm width/length, 1.2mm height).
* **R47:** Inductance value (R47 = 0.47 µH).
* **M:** Tolerance (M = ±20%).
- ⤷
What is the difference between 'Soft Saturation' and 'Hard Saturation' in inductors?
- ⤷ How does the DCR of this part affect the overall efficiency of a buck converter?
- ⤷ Are there automotive-grade (AEC-Q200) versions of the SRP4012 series?