SRP4012CC-R47M
AI

## Overview of SRP4012CC-R47M
The **SRP4012CC-R47M** is a high-current, shielded power inductor manufactured by **Bourns**. It is part of the SRP4012CC series, specifically designed for high-density power applications where space and efficiency are critical.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific technical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **SRP** | Series Name | High current shielded power inductor |
| **4012** | Dimensions | ~4.0 x 4.0 x 1.2 mm |
| **CC** | Material/Design | Carbonyl powder core (High saturation) |
| **R47** | Inductance Value | 0.47 µH |
| **M** | Tolerance | ±20% |
---
### 2. Key Technical Specifications
The electrical behavior of this component is defined by its ability to handle high frequency and high current without significant energy loss.
* **Inductance:** 0.47 µH
* **DC Resistance (DCR):** ~11 mΩ (typical) / 13 mΩ (maximum)
* **Heating Current ($I_{rms}$):** ~7.5 Amperes (current causing 40°C temp rise)
* **Saturation Current ($I_{sat}$):** ~10.5 Amperes (current causing 30% drop in inductance)
* **Operating Temperature:** -55°C to +125°C
* **Construction:** Metal alloy powder core (Shielded)
---
### 3. Core Features and Benefits
* **Magnetic Shielding:** The molded construction minimizes EMI (Electromagnetic Interference), making it suitable for noise-sensitive circuits.
* **Low Profile:** With a height of only 1.2 mm, it is ideal for ultra-thin electronics like tablets and smartphones.
* **High Saturation:** Unlike ferrite inductors, the carbonyl powder core provides a "soft saturation" curve, meaning it doesn't lose inductance abruptly when current spikes.
* **AEC-Q200 Compliance:** Often used in automotive applications due to its ruggedness and stability under thermal stress.
---
### 4. Typical Applications
This component is commonly found in the following electronic circuits:
1. **DC/DC Converters:** Voltage regulation in laptops and handheld devices.
2. **Power Supplies:** High-frequency switching regulators.
3. **Automotive Electronics:** Infotainment systems and driver assistance sensors.
4. **Telecom:** Base station power modules.
---
- ⤷
What are the main differences between the CC and TA versions of Bourns inductors?
- ⤷ How does 'soft saturation' improve circuit stability compared to ferrite cores?
- ⤷ What is the recommended solder profile for the SRP4012CC series?