AI

## SRP4020CC-R68M: Electronic Component Analysis
The **SRP4020CC-R68M** is a high-current, shielded power inductor manufactured by Bourns. It is part of the SRP4020CC series, specifically designed for high-density power applications where space is limited and electromagnetic interference (EMI) must be minimized.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics of the component:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **SRP** | Series Name | High current shielded power inductor |
| **4020** | Size Code | Approx. 4.0 x 4.0 mm footprint, 2.0 mm height |
| **CC** | Core Material | Carbonyl Powder (high efficiency, high stability) |
| **R68** | Inductance Value | 0.68 µH (Microhenries) |
| **M** | Tolerance | ±20% |
---
### 2. Key Specifications
The following table highlights the critical electrical and physical parameters:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Irms (Heating Current)** | ~7.5 A to 8.5 A (causes 40°C temp rise) |
| **Isat (Saturation Current)** | ~10 A to 12 A (causes 30% drop in inductance) |
| **DCR (DC Resistance)** | ~10.5 mΩ (Typical) / 12.5 mΩ (Max) |
| **Operating Temperature** | -55°C to +125°C |
| **Shielding** | Magnetic Shielded (low radiation) |
---
### 3. Technical Features
* **Carbonyl Powder Core:** This material provides a "soft" saturation characteristic, meaning the inductance drops gradually as current increases, rather than failing abruptly.
* **Low EMI:** The molded construction integrates the magnetic shielding into the body, which effectively contains the magnetic flux and prevents interference with nearby sensitive components.
* **High Efficiency:** The low DC Resistance (DCR) minimizes power loss as heat, making it suitable for battery-powered devices.
---
### 4. Common Applications
Due to its small footprint and high current capability, the SRP4020CC-R68M is typically used in:
* **DC/DC Converters:** Point-of-Load (POL) power supplies.
* **Consumer Electronics:** Smartphones, tablets, and laptops.
* **Industrial Power:** Compact power modules and LED lighting drivers.
* **Automotive (Non-Safety):** Infotainment systems and onboard electronics.
---
- ⤷
What is the difference between Irms and Isat for this specific inductor?
- ⤷ Can you suggest an equivalent part from a different manufacturer like Vishay or TDK?
- ⤷ How does the 'CC' core material compare to standard ferrite cores in terms of performance?