SRP5030TA-R68M
AI

The **SRP5030TA-R68M** is a high-current, shielded power inductor manufactured by Bourns. It is commonly used in DC/DC converters and power supplies for automotive and industrial electronics.
---
## 1. Technical Specifications
The part number itself encodes the core specifications of the component.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.68 µH | The nominal inductance value. |
| **Tolerance** | ±20% (M) | The allowable variance from nominal inductance. |
| **Inductance Code** | R68 | Decimal notation for 0.68. |
| **Current Rating (Irms)** | 14 A | Current that causes a 40°C temperature rise. |
| **Saturation Current (Isat)** | 25 A | Current where inductance drops by 30%. |
| **DC Resistance (DCR)** | 4.5 mΩ (Typ) | Internal resistance of the coil. |
| **Operating Temp** | -40 to +150 °C | High-grade thermal range. |
---
## 2. Key Features
* **Shielded Construction:** The inductor is magnetically shielded, which minimizes electromagnetic interference (EMI) with surrounding components.
* **Metal Alloy Powder Core:** Unlike traditional ferrite cores, the metal powder core provides a "soft" saturation characteristic, preventing a sudden drop in inductance during current spikes.
* **AEC-Q200 Compliant:** The "TA" suffix often denotes automotive-grade testing, making it suitable for harsh environments and vibration-prone applications.
* **Low DCR:** The extremely low resistance ensures high efficiency and minimal heat dissipation.
---
## 3. Physical Dimensions
The "5030" in the part number refers to the physical footprint of the Surface Mount Device (SMD).
| Dimension | Measurement (mm) |
| :--- | :--- |
| **Length** | 5.70 ± 0.3 |
| **Width** | 5.20 ± 0.2 |
| **Height** | 2.80 ± 0.2 |
---
## 4. Typical Applications
1. **Automotive Systems:** Driver assistance (ADAS), infotainment, and lighting.
2. **Voltage Regulator Modules (VRM):** Used in high-speed computing power supplies.
3. **DC/DC Converters:** Point-of-load (POL) converters for industrial equipment.
---
- ⤷
What is the difference between Irms and Isat in this inductor?
- ⤷ How does the metal alloy powder core compare to a ferrite core?
- ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?