SRP7030-R20M
AI

## Technical Overview of SRP7030-R20M
The **SRP7030-R20M** is a high-current, shielded power inductor manufactured by **Bourns**. It is part of the SRP7030 series, which is designed for high-density power supply applications where efficiency and thermal stability are critical.
### 1. Key Technical Specifications
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.20 µH | Rated at 100 kHz / 1 V |
| **Tolerance** | ±20% | Standard "M" tolerance rating |
| **Irms (Heating Current)** | 32.0 A | Current that causes a 40°C temperature rise |
| **Isat (Saturation Current)** | 40.0 A | Current where inductance drops by 20% |
| **DCR (DC Resistance)** | 1.1 mΩ (Max) | Very low resistance for high efficiency |
| **Operating Temp** | -45°C to +150°C | Suitable for automotive and industrial use |
---
### 2. Component Composition and Design
* **Core Material:** It utilizes a **metal alloy powder core**. Unlike traditional ferrite cores, metal powder cores offer "soft saturation" characteristics, meaning the inductance decreases gradually rather than dropping off sharply when current increases.
* **Construction:** The coil is molded directly into the metal powder body. This design provides excellent magnetic shielding to minimize Electromagnetic Interference (EMI) and makes the part highly resistant to mechanical vibration.
* **Terminations:** Features large, flat lead frames that provide a robust solder joint for Surface Mount Technology (SMT) processes.
---
### 3. Common Applications
Because of its high current handling and low profile (approx. 3mm height), this inductor is typically used in:
* **DC/DC Converters:** Voltage regulation modules (VRMs) for CPUs and GPUs.
* **Power Supplies:** Specifically in high-frequency switched-mode power supplies (SMPS).
* **Automotive Electronics:** Driver assistance systems, information/entertainment units, and lighting.
* **Consumer Electronics:** High-end laptops, tablets, and SSD power rails.
---
### 4. Footprint and Dimensions (Approximate)
```text
Length: 7.3 mm (±0.3)
Width: 6.6 mm (±0.3)
Height: 3.0 mm (Max)
```
---
- ⤷What is the difference between Irms and Isat in power inductors?
- ⤷ Are there automotive-grade (AEC-Q200) versions of the SRP7030 series?
- ⤷ How does the metal powder core compare to a traditional ferrite core for EMI?